Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5080 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5080
Description  Xenon Photoflash Capacitor Charge with Photo Sense Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5080 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5080 Datasheet HTML 2Page - ON Semiconductor NCP5080 Datasheet HTML 3Page - ON Semiconductor NCP5080 Datasheet HTML 4Page - ON Semiconductor NCP5080 Datasheet HTML 5Page - ON Semiconductor NCP5080 Datasheet HTML 6Page - ON Semiconductor NCP5080 Datasheet HTML 7Page - ON Semiconductor NCP5080 Datasheet HTML 8Page - ON Semiconductor NCP5080 Datasheet HTML 9Page - ON Semiconductor NCP5080 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP5080
http://onsemi.com
6
supply a regulated 300 V across the external reservoir
capacitor.
Note that although an OVP circuit is built-in the
NCP5080 chip, it is strongly recommended to avoid
operation without an external reservoir capacitor, a 1
mF /
315 V being the minimum value.
When the NMOS is ON, the current increases into the
primary of the transformer until either the Ipeak limit has
been reached, or the time out is finished: at this point, the
NMOS is switched OFF and the energy stored into the
primary is dumped to the secondary, providing the current
to recharge the reservoir capacitor. The OFF period is
monitored by sensing the primary voltage and the system
will re-start a new cycle when either Vp = 0 V or the time out
is finished. The external resistor divider, connected across
Vout and Ground, senses the output voltage to close the
feedback loop at FBD pin. The output voltage is based on the
1.2 V reference and the R1/R2 ratio: Vout = VREF *
((R1 + R2) / R2).
The output voltage is regulated when the EN = H, but
drops to zero when EN = L. In this case, the discharge time
of the external reservoir depends solely upon the value of the
passive component and the leakage currents that might exist
at system level.
The DC/DC converter is switched OFF when either EN =
Low, or TRGFL = High, or when the output voltage has
reached the programmed value (see Figure 3).
Inductor Peak Current
In order to provide more flexibility to the NCP5080
driver, an extra pin, IPKREF, is provided to set up the peak
current flowing into the primary inductor of the transformer.
The IREF is given by the 1.14 V voltage reference and the
value of the external resistor:
I
REF + 1.14 V
RIPK
(eq. 1)
The primary peak current is given by Equation 1:
I
peak + IREF * 14000
(eq. 2)
The maximum Ipeak current shall be limited to 1.5 A
maximum, assuming the transformer is sized to sustain such
amount of electromagnetic energy. The efficiency of the
DC/DC converter, and the recharge cycle time as well,
depends upon the ESR and leakage inductance of the power
transformer: a poor transformer will generate large
oscillations during the operation which will be difficult to
filter out at PCB level.
Table 1. PREFERRED POWER TRANSFORMER
MANUFACTURERS
Manufacturer
Model
Comments
TDK
LDT565620ST-20 3
Ipeak = 750 mA Max
Coilcraft
CJ5143-AL
Ipeak = 1200 mA
Max
Table 2. PREFERRED HIGH VOLTAGE TRIGGER FUNCTION
Component
Manufacturer
Model
Comments
High Voltage Trigger
PCA
EPC3215G-X
Vout = 4000 V
High Voltage Ceramic Capacitor
TDK
C3225X7R2J473M
Reference design+
22
mF/330 V to 120 mF/330 V
RUBYCON
FW series
Preferred
Table 3. PREFERRED XENON LAMP
Component
Manufacturer
Model
Comments
Flash Lamp-Reflector Assembly
Perkin-Elmer
RF-ASYRF160709 PKI08 (H)
Ej = 1.5 Joule
Cout = 33 mF
Flash Lamp-Reflector Assembly
Perkin-Elmer
RF-ASY RF160709 PKI07 (H)
Ej = 2.1 Joule
Cout = 47 mF
Flash Lamp-Reflector Assembly
Nam Kwong Co.
LTD.
FET-O-D03150220E-02
9.8 Joule,
Cout = 180 mF
Flash Lamp-Reflector Assembly
Nam Kwong Co.
LTD.
FET-O-D02230202A-07
8.0 Joule,
Cout = 150 mF
Perkin Elmer
coordinates: kimguan.lim@perkinelmer.com
Flash Strobe
The flash is activated by the digital status present at the
TRGFL Pin and the logic condition of the EN and
PHSEN Pins as defined in Table 4.


Similar Part No. - NCP5080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP508 ONSEMI-NCP508 Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN15TBG ONSEMI-NCP508MN15TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN18TBG ONSEMI-NCP508MN18TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN25TBG ONSEMI-NCP508MN25TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
NCP508MN28TBG ONSEMI-NCP508MN28TBG Datasheet
2Mb / 15P
   Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
May, 2010 ??Rev. 3
More results

Similar Description - NCP5080

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8437 ALLEGRO-A8437 Datasheet
635Kb / 21P
   Mobile Phone Xenon Photoflash Capacitor Charger
A8437ECGLT ALLEGRO-A8437ECGLT Datasheet
644Kb / 22P
   Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8735 ALLEGRO-A8735 Datasheet
478Kb / 16P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8732 ALLEGRO-A8732 Datasheet
552Kb / 20P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
A8740 ALLEGRO-A8740 Datasheet
480Kb / 18P
   Ultra Small Mobile Phone Xenon Photoflash Capacitor Charger with IGBT Driver
logo
Linear Technology
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
logo
Allegro MicroSystems
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
logo
Linear Technology
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com