Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1220ST26RA Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1220ST26RA
Description  Dual Channel 200mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1220ST26RA Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1220ST26RA Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1220ST26RA Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
YB1220
Dual Channel 200mA LDO Regulator
YB1220 MRev.1.1
www.yobon.com.tw
4
Function Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
2.0
6.0
V
Output Voltage
Predefined
1.2
3.6
V
IOUT = 10mA, VO >= 1.3V
-2.0
+2.0
%
Output Voltage Accuracy
IOUT = 10mA, VO = 1.2V
0
+4.0
%
Output Current Limit
Short-Circuit Output Limit
80
mA
VOUT = 3.3V, IOUT = 200mA
300
VOUT = 2.8V, IOUT = 200mA
380
VOUT = 2.5V, IOUT = 200mA
420
VOUT = 1.8V, IOUT = 200mA
550
Dropout Voltage
(Note 1)
VOUT = 1.2V, IOUT = 200mA
800
mV
Ground Current
Iout = 0mA
80
μA
Line Regulation
VIN = Max(VO1,VO2)+1V to 6V,
Iout =10mA
0.4
%/V
Load Regulation
Iout = 1mA to 200mA
1.0
%
Shutdown Supply Current
EN1 = EN2 = 0V
~0.01
μA
F = 1KHz, Iout = 1mA
62
dB
F = 10KHz, Iout = 1mA
50
dB
Ripple Rejection (PSRR)
F = 100KHz, Iout = 1mA
34
dB
EN Logic Low Level
VIN = 2.0V to 6V
0.4
V
EN Logic High Level
VIN = 2.0V to 6V
1.5
V
EN Input Bias Current
VIN = EN = 6V
0.01
μA
Thermal Shutdown
Shutdown Temperature
160
Thermal Hysteresis
20
Electrical Characteristics
Table 2
Note 1 : The drop out voltage varies depending on output voltage selection
Dropout is defined as VIN–VO when VO is 100mV below VO where VIN=Max(VO1,VO2) for nominal VO.
Note 2: Time needed for VOUT to reach 90% of final value.
TA = 25℃, VIN= Max(VO1,VO2) + 1 V , CIN = COU T1= Cout2=1.0μF, EN = VIN, unless otherwise noted


Similar Part No. - YB1220ST26RA

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1220ST26RA

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com