Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV8675DS33R4G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8675DS33R4G
Description  350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8675DS33R4G Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8675DS33R4G Datasheet HTML 1Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 2Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 3Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 4Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 5Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 6Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 7Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 8Page - ON Semiconductor NCV8675DS33R4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NCV8675
http://onsemi.com
2
PIN DESCRIPTIONS
Symbol
Function
VIN
Unregulated Input Voltage; 4.5 V to 45 V; Battery Input Voltage. Bypass to GND with a Ceramic Capacitor.
RO
Reset Output; Open Collector Active Reset (Accurate when VIN > 1.0 V)
GND
Ground; Pin 3 Internally Connected to Tab
D
Reset Delay; Timing Capacitor to GND for Reset Delay Function
VOUT
Output;
±2.0%, 350 mA. 22 mF, ESR < 9 W
MAXIMUM RATINGS
Pin Symbol, Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
-42
45
V
Output Voltage
VOUT
-0.3
16
V
Reset Output Voltage
VRO
-0.3
25
V
Reset Output Current
IRO
-5.0
5.0
mA
Reset Delay Voltage
VD
-0.3
7.0
V
Reset Delay Current
ID
-2.0
2.0
mA
Storage Temperature
TStg
-55
+150
°C
ESD Capability
-Human Body Model
-Machine Model
-
-
4
200
kV
V
Storage Temperature
TStg
-55
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
OPERATING RANGE
Pin Symbol, Parameter
Symbol
Min
Max
Unit
Input Voltage Operating Range
VIN
4.5
45
V
Junction Temperature
TJ
-40
150
°C
THERMAL RESISTANCE
Parameter
Symbol
Min
Max
Unit
Junction Ambient
D2PAK
Rthja
85.4
°C/W
Junction Case
D2PAK
Rthjc
6.8
1. 1 oz., 100 mm2 copper area.
Pb SOLDERING TEMPERATURE AND MSL
Parameter
Symbol
Min
Max
Unit
Lead Temperature Soldering
Reflow (SMD styles only), Pb-Free (Note 2)
Tsld
265 pk
°C
Moisture Sensitivity Level
MSL
1
-
2. Pb-Free, 60 sec – 150 sec above 217
°C, 40 sec maximum at peak.


Similar Part No. - NCV8675DS33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
More results

Similar Description - NCV8675DS33R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
   350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV8665 ONSEMI-NCV8665 Datasheet
147Kb / 11P
   150 mA Very Low Iq Low Dropout Linear Regulator with Reset and Delay Reset
September, 2008 ??Rev. 1
NCV8775C ONSEMI-NCV8775C Datasheet
225Kb / 15P
   Ultra Low Iq 350 mA LDO Regulator with Reset
December, 2019 ??Rev. 1
NCV8660C ONSEMI-NCV8660C Datasheet
144Kb / 11P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2015 ??Rev. 0
NCV8660 ONSEMI-NCV8660 Datasheet
177Kb / 14P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
January, 2009 ??Rev. 9
NCV8770 ONSEMI-NCV8770 Datasheet
210Kb / 13P
   Ultra Low Iq 350 mA LDO Regulator with Reset
February, 2013 ??Rev. 1
NCV8660B ONSEMI-NCV8660B Datasheet
187Kb / 12P
   Very Low Iq LD0 150 mA Regulator with RESET and Delay Time Select
May, 2010 ??Rev. 2
NCV8772 ONSEMI-NCV8772 Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8772 ONSEMI-NCV8772 Datasheet
209Kb / 14P
   Ultra Low Iq 350 mA LDO Regulator with Enable and Reset
December, 2011 ??Rev. 3
NCV8669 ONSEMI-NCV8669 Datasheet
212Kb / 14P
   Very Low Iq 150 mA LDO Regulator with Reset and Early Warning
July, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com