Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1231ST8RX360 Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC.

Part # YB1231ST8RX360
Description  Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1231ST8RX360 Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC.

  YB1231ST8RX360 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1231ST8RX360 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
YB1231 – HV600mA
Low-Noise LDO Regulator
YB1231 MRev. 1.4
www.yobon.com.tw
3
Function Parameter
Conditions
Min
Typ
Max
Units
Input Voltage Range
3.5
6.0
V
Output Voltage
Predefined
3.2
4.5
V
Output Voltage Accuracy
IOUT = 10mA
-2.0
+2.0
%
Output Current Limit
Short-circuit output
420
mA
Vout = 4.5V, Iout = 600 mA
440
Vout = 4.0V, Iout = 600 mA
470
Vout = 3.6V, Iout = 600 mA
500
Vout = 3.3V, Iout = 600 mA
530
Dropout Voltage (Note 1)
Vout = 3.2V, Iout = 600 mA
550
mV
Ground Current
Iground = Iin - Iout
100
160
μ
A
Line Regulation
Vin = (Vout + 1V) to 6V, Iout = 10 mA
0.4
%/V
Load Regulation
Iout = 1mA to 600 mA
1.7
%
Shutdown Supply Current
EN = 0.4V
0.01
μ
A
f = 100 Hz, Iout = 10 mA
51
f = 1KHz, Iout = 10 mA
51
Ripple Rejection (PSRR)
f = 10 KHz, Iout = 10 mA
45
dB
Shutdown Exit Delay (Note 2)
Vout = 3.3V, Rload = 11 ohm
36
100
μ
S
EN Logic Low Level
Vin = 2.0V to 6.0V
0.4
V
EN Logic High Level
Vin = 2.0V to 6.0 V
1.5
Vin
V
EN Input Bias Current
Vin = EN = Vout + 1V
0.01
μ
A
Thermal Shutdown
Shutdown Temperature
160
°
C
Thermal Shutdown Hysteresis
VOUT = 3.3V, IOUT = 100mA
20
°
C
Absolute Maximum Ratings
Supply Voltage........................................ -0.3V to 7.0V
Output Voltage ...............................-0.3V to (VIN+0.3V)
Output Short-Circuit Duration ........................... Infinite
Junction Temperature Range........................... +150℃
Storage Temperature Range ............. -65℃ to +150℃
Lead Temperature............................................ +250℃
Electrical Characteristics
Table 2
Recommended Operating Conditions
Input Supply Voltage................................ 2V to 6.0V
Operating Temperature..................... -40℃ to +85℃
Thermal Resistance (SOT-23/25,
θJC) ........ 140℃/W
Thermal Resistance (SOT-23/25,
θJA)......... 280℃/W
Thermal Resistance (SOT-89,
θJC) ............... 46℃/W
Thermal Resistance (SOT-89,
θJA).............. 180℃/W
Thermal Power Dissipation (SOT-23/25, PD)....0.4W
Thermal Power Dissipation (SOT-89, PD).......0.55W
Note1 : The drop out voltage varies depending on output voltage selection
Dropout is defined as VIN – VOUT when VOUT is 100mV below VOUT where Vin=Vout + 1V for nominal VOUT.
Note 2: Time needed for VOUT to reach 90% of final value.
TA = 25℃, VIN = ( VOUT + 1 V ), CIN = COU T = 2.2μF, VEN = VIN


Similar Part No. - YB1231ST8RX360

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231ST89X320 YOBON-YB1231ST89X320 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X330 YOBON-YB1231ST89X330 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X340 YOBON-YB1231ST89X340 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X350 YOBON-YB1231ST89X350 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
YB1231ST89X360 YOBON-YB1231ST89X360 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
More results

Similar Description - YB1231ST8RX360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com