Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1522BSNT1G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1522BSNT1G
Description  3 MHz, 600 mA Step-Down DC-DC Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1522BSNT1G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1522BSNT1G Datasheet HTML 3Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 4Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 5Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 6Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 7Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 8Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 9Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 10Page - ON Semiconductor NCP1522BSNT1G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NCP1522B
http://onsemi.com
7
Figure 15. Typical Soft-Start
(VOUT = 1.2 V, IOUT = 250 mA)
Figure 16. Short-Circuit Protection
(VIN = 3.6 V, VOUT = 1.2 V)
Figure 17. Line Regulation
(VOUT = 1.2 V, IOUT = 300 mA)
VIN, INPUT VOLTAGE (V)
Figure 18. Line Regulation
(VOUT = 1.2 V, TA = 255C)
VIN, INPUT VOLTAGE (V)
VOUT
500 mV/div
ILX
100 mV/div
VIN
2 V/div
Time
100
ms/div
ILX
500 mV/div
VOUT
200 mV/div
Time
10 ms/div
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.2
3.7
4.2
4.7
5.2
-40
°C
25
°C
85
°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
2.7
3.2
3.7
4.2
4.7
5.2
IOUT = 300 mA
IOUT = 1 mA
IOUT = 600 mA
Figure 19. 3.0 V to 3.6 V Line Transient
(Risetime = 50
ms, VOUT = 1.2 V, IOUT = 100 mA,
TA = 255C)
VOUT
20 mV/div
VIN
0.5 V/div
Figure 20. 3.6 V to 3.0 V Line Transient
(Risetime = 50
ms, VOUT = 1.2 V, IOUT = 100 mA,
TA = 255C)
VOUT
20 mV/div
VIN
0.5 V/div


Similar Part No. - NCP1522BSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
More results

Similar Description - NCP1522BSNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1522B ONSEMI-NCP1522B_10 Datasheet
191Kb / 14P
   3 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 1
logo
Analog Devices
ADP2108AUJZ-1.0-R7 AD-ADP2108AUJZ-1.0-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
ADP2108 AD-ADP2108 Datasheet
1Mb / 16P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. A
logo
ON Semiconductor
NCP1521B ONSEMI-NCP1521B_10 Datasheet
187Kb / 14P
   1.5 MHz, 600 mA Step-Down DC-DC Converter
December, 2010 ??Rev. 5
logo
Analog Devices
ADP2108AUJZ-3.3-R7 AD-ADP2108AUJZ-3.3-R7 Datasheet
1Mb / 20P
   Compact, 600 mA, 3 MHz, Step-Down DC-to-DC Converter
Rev. G
logo
Zilog, Inc.
IXD3235 ZILOG-IXD3235 Datasheet
2Mb / 27P
   Synchronous 600 mA Step-Down DC/DC Converter
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
   600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
   Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Texas Instruments
LM3676 TI-LM3676_15 Datasheet
3Mb / 25P
[Old version datasheet]   2-MHz 600-mA Step-Down DC-DC Converter With Mode Control
logo
Analog Devices
ADP2139CB-1.8EVALZ AD-ADP2139CB-1.8EVALZ Datasheet
544Kb / 20P
   Compact, 800 mA, 3 MHz, Step-Down DC-to-DC Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com