Electronic Components Datasheet Search |
|
YB1231ST25X370 Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC. |
|
YB1231ST25X370 Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC. |
3 / 10 page YB1231 – HV600mA Low-Noise LDO Regulator YB1231 MRev. 1.4 www.yobon.com.tw 3 Function Parameter Conditions Min Typ Max Units Input Voltage Range 3.5 6.0 V Output Voltage Predefined 3.2 4.5 V Output Voltage Accuracy IOUT = 10mA -2.0 +2.0 % Output Current Limit Short-circuit output 420 mA Vout = 4.5V, Iout = 600 mA 440 Vout = 4.0V, Iout = 600 mA 470 Vout = 3.6V, Iout = 600 mA 500 Vout = 3.3V, Iout = 600 mA 530 Dropout Voltage (Note 1) Vout = 3.2V, Iout = 600 mA 550 mV Ground Current Iground = Iin - Iout 100 160 μ A Line Regulation Vin = (Vout + 1V) to 6V, Iout = 10 mA 0.4 %/V Load Regulation Iout = 1mA to 600 mA 1.7 % Shutdown Supply Current EN = 0.4V 0.01 μ A f = 100 Hz, Iout = 10 mA 51 f = 1KHz, Iout = 10 mA 51 Ripple Rejection (PSRR) f = 10 KHz, Iout = 10 mA 45 dB Shutdown Exit Delay (Note 2) Vout = 3.3V, Rload = 11 ohm 36 100 μ S EN Logic Low Level Vin = 2.0V to 6.0V 0.4 V EN Logic High Level Vin = 2.0V to 6.0 V 1.5 Vin V EN Input Bias Current Vin = EN = Vout + 1V 0.01 μ A Thermal Shutdown Shutdown Temperature 160 ° C Thermal Shutdown Hysteresis VOUT = 3.3V, IOUT = 100mA 20 ° C Absolute Maximum Ratings Supply Voltage........................................ -0.3V to 7.0V Output Voltage ...............................-0.3V to (VIN+0.3V) Output Short-Circuit Duration ........................... Infinite Junction Temperature Range........................... +150℃ Storage Temperature Range ............. -65℃ to +150℃ Lead Temperature............................................ +250℃ Electrical Characteristics Table 2 Recommended Operating Conditions Input Supply Voltage................................ 2V to 6.0V Operating Temperature..................... -40℃ to +85℃ Thermal Resistance (SOT-23/25, θJC) ........ 140℃/W Thermal Resistance (SOT-23/25, θJA)......... 280℃/W Thermal Resistance (SOT-89, θJC) ............... 46℃/W Thermal Resistance (SOT-89, θJA).............. 180℃/W Thermal Power Dissipation (SOT-23/25, PD)....0.4W Thermal Power Dissipation (SOT-89, PD).......0.55W Note1 : The drop out voltage varies depending on output voltage selection Dropout is defined as VIN – VOUT when VOUT is 100mV below VOUT where Vin=Vout + 1V for nominal VOUT. Note 2: Time needed for VOUT to reach 90% of final value. TA = 25℃, VIN = ( VOUT + 1 V ), CIN = COU T = 2.2μF, VEN = VIN |
Similar Part No. - YB1231ST25X370 |
|
Similar Description - YB1231ST25X370 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |