Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1696 Datasheet(PDF) 6 Page - YOBON TECHNOLOGIES,INC.

Part # YB1696
Description  150KHz, 3A PWM Buck Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1696 Datasheet(HTML) 6 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1696 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1696 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
YB1696
150KHz, 3A PWM Buck Switching Regulator
YB1696 MRev.1.1
www.yobon.com.tw
6
Typical Characteristics
Typical Performance Characteristics
Normalized Output Voltage
4.90
4.95
5.00
5.05
5.10
-50-25
0
25
5075
100 125
V
IN =20V, I LOAD=3A
Normalized at T
J=25
oC
JUNCTION TEMPERATURE(oC)
JUNCTION TEMPERATURE(oC)
Switch Current Limit
0.0
5.0
10.0
15.0
20.0
25.0
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE(oC)
Operating Quiescent Current
JUNCTION TEMPERATURE(oC)
Efficiency
70
75
80
85
90
95
810
15
20
25
30
35
40
5V
3.3V
3A Load
1.2
1.3
1.4
1.5
1.6
1.7
2.0
3
45
SWITCH CURRENT(A)
1
2
3
1 : -40 oC
2 : 25 oC
3 : 125 oC
Switch Saturation Voltage
4.0
4.5
5.0
5.5
6.0
-50
-25
0
25
50
75
100 125
V
IN=12V, VOUT=5V
SUPPLY VOLOTAGE (V)
0.0
40.0
80.0
120.0
160.0
200.0
Shutdown Quiescent Current
10
20
30
40
V
ON/OFF=5V
1 : -40 oC
2 : 25 oC
3 : 125 oC
1
3
2
Switch ON
Switch OFF
100


Similar Part No. - YB1696

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1692 YOBON-YB1692 Datasheet
556Kb / 10P
   2A Synchronous Step-Down Converter
YB1692SPX8 YOBON-YB1692SPX8 Datasheet
556Kb / 10P
   2A Synchronous Step-Down Converter
YB1693 YOBON-YB1693 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
YB1693-33 YOBON-YB1693-33 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
YB1693-50 YOBON-YB1693-50 Datasheet
296Kb / 8P
   2A / 150KHz Buck DC-DC Converter
More results

Similar Description - YB1696

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM8303 SAMHOP-SM8303 Datasheet
217Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
SM8312 SAMHOP-SM8312 Datasheet
245Kb / 11P
   150KHz, 2A PWM Buck Switching Regulator
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com