Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1220ST26RBY Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB1220ST26RBY
Description  Dual Channel 200mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1220ST26RBY Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1220ST26RBY Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1220ST26RBY Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
YB1220
Dual Channel 200mA LDO Regulator
YB1220 MRev.1.1
www.yobon.com.tw
1
Description
The YB1220 family is a dual-channel LDO product
consisting of 2 independent low noise, low dropout
(LDO), linear regulators especially designed for
battery-powered equipment and portable device.
The regulator achieves a low 300 mV dropout at
200mA 3.3V output and good PSRR of near 50dB
at 1K~10KHz frequency.
The YB1220 consumes only 80uA supply current
with both regulators enabled and supports different
output voltages of full range from 1.2 to 3.6V
(pre-set).
The YB1220 is smartly designed to fit in three
different pin allocations of SOT23-6 package which
offers higher flexibility to users’ PCB layout.
Other features of YB1220 include a thermal
shutdown circuit and an output short-circuit
protection.
Typical Application Circuitry
Features
• High Accuracy Output Voltage : + 2%
• Wide Output Voltage Range : 1.2~3.6V
• Each Channel Typical Current : 200mA
• Max. Allowable 300mA Each Channel
• Low Quiescent Current : ~80uA
• Dual Enable Pins Control
• 300mV Dropout at 200mA 3.3V Output
• Stable with 1.0uF Ceramic Capacitor
• Thermal Protection Shutdown
• Output Short-Circuit Current Limit
• Built-In Internal Soft-Start
• Green Package (RoHS) Available
Applications
• Cellular Phone
• White LED Backlighting
• PDA, Notebook, PC
• Digital Camera
• Portable Application
• Wireless LAN
Battery-Powered Equipment


Similar Part No. - YB1220ST26RBY

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1220ST26RBY

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
   200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_08 Datasheet
112Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
   Dual 200mA CMOS LDO Voltage Regulator
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182 Datasheet
212Kb / 10P
   DUAL, LOW-NOISE, 200mA LDO REGULATOR
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
   Dual, Low-Noise, 200mA LDO Regulator
logo
Unisonic Technologies
LR4XXYY UTC-LR4XXYY Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
Unisonic Technologies
LR9200 UTC-LR9200 Datasheet
270Kb / 7P
   LOW NOISE 200mA LDO REGULATOR
logo
RICOH electronics devic...
R1160D081A RICOH-R1160D081A Datasheet
462Kb / 35P
   3-MODE 200mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com