Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB7000 Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB7000
Description  Photoflash Capacitor Charger with Automatic Refresh
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB7000 Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB7000 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
YB7000 MRev.0.3
www.yobon.com.tw
1
YB7000
Photoflash Capacitor Charger with Automatic Refresh
Description
Features
Charge Any Size Photoflash Capacitor
Support Operation from Two AA Cells or
Any Supply from 1.8V to 16V
Use Standard transformers
No High Voltage Zener Diode Required
Built in 40V output switch
Adjustable Output Voltage
Adjustable Peak Switch Current
Automatic Refresh with adjustable timer
Charge Complete Indicator
Small 8-Lead MSOP Packages
Applications
YB7000 charge high voltage photoflash
capacitors quickly and efficiently. Designed
for use in digital and film cameras, these
devices use flyback topology to achieve
efficiencies up to four times better than
competing flash modules. A unique peak
inductor current control mechanism maintains
current-limited mode transformer operation
throughout the entire charge cycle, eliminating
the high inrush current often found in modules.
YB7000 output voltage sensing scheme
monitors the flyback voltage to directly regulate
the output voltage. This feature allows the
capacitor to be held at a fully charged state
without excessive power consumption.
Adjustable refresh time is fully controllable by
the user with a resistor. The DONE pin signals
that the capacitor is full charged.
Digital Camera Flash unit
Film Camera Flash Unit
High Voltage Power Supplies
Photoflash module for cell phone
Typical Application Circuit
Figure 1:Typical Application Circuit


Similar Part No. - YB7000

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB7002 YOBON-YB7002 Datasheet
198Kb / 8P
   Photoflash Capacitor Charger with Automatic Refresh
More results

Similar Description - YB7000

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB7002 YOBON-YB7002 Datasheet
198Kb / 8P
   Photoflash Capacitor Charger with Automatic Refresh
logo
Linear Technology
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
logo
Allegro MicroSystems
A8439 ALLEGRO-A8439 Datasheet
567Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver and Refresh
A8436 ALLEGRO-A8436 Datasheet
702Kb / 14P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_06 Datasheet
578Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
A8837 ALLEGRO-A8837 Datasheet
426Kb / 11P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438 Datasheet
528Kb / 13P
   Photoflash Capacitor Charger with IGBT Driver
A8438 ALLEGRO-A8438_13 Datasheet
550Kb / 15P
   Photoflash Capacitor Charger with IGBT Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com