Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP360 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP360
Description  USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP360 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP360 Datasheet HTML 1Page - ON Semiconductor NCP360 Datasheet HTML 2Page - ON Semiconductor NCP360 Datasheet HTML 3Page - ON Semiconductor NCP360 Datasheet HTML 4Page - ON Semiconductor NCP360 Datasheet HTML 5Page - ON Semiconductor NCP360 Datasheet HTML 6Page - ON Semiconductor NCP360 Datasheet HTML 7Page - ON Semiconductor NCP360 Datasheet HTML 8Page - ON Semiconductor NCP360 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NCP360
http://onsemi.com
5
1.2 V
FLAG
Vout
Vin
UVLO
tstart
0.8 Vin
ton
<OVLO
Vin - RDS(on) x I
Figure 3. Start Up Sequence
Figure 4. Shutdown on Over Voltage Detection
Figure 5. Disable on EN = 1
Figure 6. FLAG Response with EN = 1
1.2 V
FLAG
Vout
tdis
Vin - RDS(on) x I
EN
0.3 V
1.2 V
FLAG
Vin
EN
3
ms
UVLO
OVLO
FLAG
Vout
Vin
OVLO
toff
0.3 V
tstop
0.4 V
Vin - (RDS(on)
I)
Voltage Detection
IN
OUT
VIN > OVLO or VIN < UVLO
CONDITIONS
Figure 7.
Voltage Detection
IN
OUT
UVLO < VIN < OVLO
CONDITIONS
Figure 8.


Similar Part No. - NCP360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP360 ONSEMI-NCP360 Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
More results

Similar Description - NCP360

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCV361SNT1G ONSEMI-NCV361SNT1G Datasheet
723Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
March, 2012 ??Rev. 4
NCP361 ONSEMI-NCP361 Datasheet
721Kb / 12P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
June, 2010 ??Rev. 3
NCP361 ONSEMI-NCP361_V01 Datasheet
463Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Overcurrent Protection
February, 2019 - Rev. 5
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP347 ONSEMI-NCP347 Datasheet
305Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
September, 2007 - Rev. 0
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
logo
Maxim Integrated Produc...
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
   Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com