Electronic Components Datasheet Search |
|
YB1220ST26RYY Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC. |
|
YB1220ST26RYY Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC. |
3 / 9 page YB1220 Dual Channel 200mA LDO Regulator YB1220 MRev.1.1 www.yobon.com.tw 3 Ordering Information Marking Information Absolute Maximum Ratings Supply Voltage ................................................ -0.3V to 7.0V Output Voltage ....................................... -0.3V to (VIN+0.3V) Output Short-Circuit Duration.....................................Infinite Junction Temperature Range ...................................+150℃ Storage Temperature Range..................... -65℃ to +150℃ Lead Temperature ....................................................+250℃ Recommended Operating Conditions Input Supply Voltage........................ 2V to 6.0V Operating Temperature..............-40℃ to +85℃ ESD Susceptibility (HBM)...........................................2KV ESD Susceptibility (MM)........................................... 200V Thermal Resistance (SOT-26, θJC) ....................140℃/W Thermal Resistance (SOT-26, θJA) ....................250℃/W Internal Power Dissipation (SOT-26, PD).................. 0.4W |
Similar Part No. - YB1220ST26RYY |
|
Similar Description - YB1220ST26RYY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |