Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP698SQ30T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP698SQ30T1G
Description  150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP698SQ30T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP698SQ30T1G Datasheet HTML 1Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 2Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 3Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 4Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 5Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 6Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 7Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 8Page - ON Semiconductor NCP698SQ30T1G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP698
http://onsemi.com
5
0
0
VIN, INPUT VOLTAGE (V)
100
20
0
-20
-40
-60
1.7
2.9
Figure 2. Quiescent Current versus Temperature
T, TEMPERATURE (
°C)
Figure 3. Quiescent Current versus Input
Voltage
Figure 4. Output Voltage versus Temperature
Figure 5. Output Voltage versus Input Voltage
Figure 6. Dropout Voltage versus Temperature
Figure 7. Turn-On Response
2.7
2.5
6
5
3
2
1
0
0
3
2
1
0.5
125
25
-50
T, TEMPERATURE (
°C)
300
4
400
250
200
100
50
0
t, TIME (
ms)
1
1.9
2.5
100
60
40
20
-20
-40
-60
T, TEMPERATURE (
°C)
6
1
0
0
3.5
VIN, INPUT VOLTAGE (V)
3
2.5
2.990
3.020
3.000
2.1
2.3
VIN = 4.0 V
VOUT = 3.0 V
IOUT = 0 mA
1.5
VOUT = 3.0 V
080
2.995
3.015
3.005
3.010
VIN = 6.0 V
IOUT = 30 mA
VOUT(nom) = 3.0 V
80 mA LOAD
VIN = 4.0 V
CIN = 1.0 mF
3
2
2
0
150
40
60
80
4
VIN = 4.0 V
VOUT(nom) = 3.0 V
IOUT = 10 mA
23
4
5
2
1.5
1
0.5
-25
0
50
75
100
250
200
150
100
50
40 mA LOAD
10 mA LOAD
300
350
COUT = 0.1 mF
IOUT = 10 mA


Similar Part No. - NCP698SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698SQ30T1G ONSEMI-NCP698SQ30T1G Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
More results

Similar Description - NCP698SQ30T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP698 ONSEMI-NCP698_14 Datasheet
129Kb / 9P
   150 mA CMOS Ultra Low Iq and IGND LDO Regulator with Enable
January, 2014 ??Rev. 2
NCP583 ONSEMI-NCP583_16 Datasheet
73Kb / 10P
   Ultra-Low Iq 150 mA CMOS LDO Regulator with Enable
January, 2016 ??Rev. 15
NCP583 ONSEMI-NCP583 Datasheet
71Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
April, 2006 ??Rev. 5
NCP583 ONSEMI-NCP583_07 Datasheet
72Kb / 10P
   Ultra?묹ow Iq 150 mA CMOS LDO Regulator with Enable
February, 2007 ??Rev. 8
NCV8768 ONSEMI-NCV8768 Datasheet
192Kb / 17P
   Ultra Low Iq 150 mA LDO Regulator with Window Watchdog, Enable and Reset
June, 2011 ??Rev. 0
NCV87725D7S50R4G ONSEMI-NCV87725D7S50R4G Datasheet
310Kb / 17P
   Ultra Low Iq 350 mA LDO Regulator with Enable and
December, 2011 ??Rev. 3
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
NCV8170 ONSEMI-NCV8170 Datasheet
594Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
May, 2015 ??Rev. 2
NCP170 ONSEMI-NCP170 Datasheet
664Kb / 20P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
February, 2015 ??Rev. 6
NCP170 ONSEMI-NCP170_17 Datasheet
769Kb / 23P
   Ultra?륧ow IQ 150 mA CMOS LDO Regulator
October, 2017 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com