Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP347MTAETBG Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP347MTAETBG
Description  Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP347MTAETBG Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP347MTAETBG Datasheet HTML 5Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 6Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 7Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 8Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 9Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 10Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 11Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 12Page - ON Semiconductor NCP347MTAETBG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NCP347
http://onsemi.com
11
Figure 20.
270
0 25 50 75 100 125 150 175
COPPER HEAT SPREADING AREA (mm2)
250
230
210
190
175
150
1 oz C.F.
310
290
200 225 250 275 300 325350
2 oz C.F.
1 oz Sim
2 oz Sim
2
1
Figure 21. Demo Board Layout
1
mF 25 V X5R 0603
C1
EN
IN
IN
IN
FLAG
NC
NC
OUT
OUT
NCP347
GND
2
5
4
1
10
6
7
8
9
3
EN
100 k
R3
1
2
3
100 k
R2
OUTPUT
100 nF 50 V X7R 0805 not necessary
C2
1
2
R1
1 M
J2
FLAG Power
FLAG_State
1
2
GND
F1 F2 F3 F4
Figure 22. Demo Board Schematic
EN_State
INPUT
EN_Power
FLAG
Murata GRM188R61E105KA12D


Similar Part No. - NCP347MTAETBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP347MTAETBG ONSEMI-NCP347MTAETBG Datasheet
484Kb / 13P
   Positive Overvoltage Protection Controller
May, 2010 ??Rev. 4
More results

Similar Description - NCP347MTAETBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP348AEMTTBG ONSEMI-NCP348AEMTTBG Datasheet
488Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET and Status FLAG
May, 2010 ??Rev. 6
NCP348 ONSEMI-NCP348 Datasheet
278Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low R_ON NMOS FET and Status FLAG
November, 2006 ??Rev. 2
NCP372 ONSEMI-NCP372 Datasheet
250Kb / 12P
   Positive and Negative Overvoltage Protection Controller with Internal Low Ron NMOS FETs and Status FLAG
April, 2009 ??Rev. 0
NCP349 ONSEMI-NCP349 Datasheet
465Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
March, 2009 ??Rev. 0
NCP349MNTBG ONSEMI-NCP349MNTBG Datasheet
314Kb / 13P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP349MNBKTBG ONSEMI-NCP349MNBKTBG Datasheet
306Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
September, 2012 ??Rev. 3
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP391 ONSEMI-NCP391 Datasheet
305Kb / 12P
   Positive Overvoltage Protection Controller with Internal Low RON NMOS FET
August, 2011 ??Rev. 1
NCP360SNAET1G ONSEMI-NCP360SNAET1G Datasheet
839Kb / 13P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
March, 2012 ??Rev. 10
NCP360 ONSEMI-NCP360 Datasheet
351Kb / 10P
   USB Positive Overvoltage Protection Controller with Internal PMOS FET and Status FLAG
May, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com