Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1231ST89X400 Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB1231ST89X400
Description  Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1231ST89X400 Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1231ST89X400 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1231ST89X400 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
YB1231 – HV600mA
Low-Noise LDO Regulator
YB1231 MRev. 1.4
www.yobon.com.tw
1
Description
The YB1231 is a series of ultra-low-noise,
low dropout (LDO) linear regulators with
2.0% output voltage accuracy. The YB1231
regulators achieve a low 440mV dropout at
600mA load current of 4.5V output and are
available in voltages ranging from 3.2V to
4.5V with 0.1 V per step (custom voltage is
considerable at request).
The YB1231 regulators are optimized to
work with low-ESR and low cost ceramic
capacitors, reducing the amount of board
space critical in hand-held devices. The
YB1231 requires only 2.2 μF output
capacitor for stability with any load and
consumes less than 1μA in shutdown
mode.
Built-in thermal shutdown and short-circuit
protect offer secure protection against fault
operation. The YB1231 regulators are
available in SOT-23 / SOT-25 / SOT-89
packages.
Typical Application Circuitry
Features
2.0% Accuracy Output Voltage
Output Voltage range 3.2V~4.5V
Low-Noise Low-Drop-Out
Stable with 2.2μF Ceramic Capacitor for
Any Load
Typical Output Current : 600 mA
Low Quiescent Current : ~100μA
440mV Dropout at 600mA Load (4.5V)
Only Need Input and Output Capacitors
Power Saving Shutdown Mode (<1μA)
Thermal Protection Shutdown
Built-In Internal Soft-Start
Output Short-circuit Current Limit
Protection
Green package (RoHS) available
Applications
PDA, Palmtops and Notebook
Computers
DSC, Handset Camera Modules
PCMCIA Cards, PC Cameras
USB Based Portable Devices (MP3, PMP)
GSM/GPRS/3G RF Transceiver Modules
Wireless LANs
Bluetooth Portable Radios


Similar Part No. - YB1231ST89X400

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231ST89X400 YOBON-YB1231ST89X400 Datasheet
371Kb / 11P
   HV600mA, Low-Noise LDO Regulator
More results

Similar Description - YB1231ST89X400

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230 Datasheet
523Kb / 10P
   Low-Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com