Electronic Components Datasheet Search |
|
CF1156 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc |
|
CF1156 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc |
3 / 8 page CF1156 series SEIKO NPC CORPORATION —3 SPECIFICATIONS Absolute Maximum Ratings Electrical Characteristics Ta = 25 °C, VSS = 0V, VDD = 3.0V Parameter Symbol Condition Rating Unit Supply voltage range VDD − VSS −0.3 to 5.0 V Input voltage range VIN VSS − 0.2 to VDD + 0.2 V Operating temperature range Topr −20 to 80 °C Storage temperature range Tstg −65 to 150 °C Parameter Symbol Condition Rating Unit min typ max Operating voltage VDD 2.0 3.0 3.6 V Current consumption1 1. Measurement circuit IDD1 Non-play mode – 0.01 0.6 µA Current consumption2 2. Measurement circuit IDD2 Melody modes: BO, LO open – 100 200 µA LH, OSH LOW-level input voltage VIL –– VSS + 0.2 V LH, OSH HIGH-level input voltage VIH VDD – 0.2 – – V LH, OSH LOW-level input current IIL VIL = 0.8V 0.7 9.0 18 µA LH, OSH HIGH-level input current IIH VIH = 3.0V 0.7 9.0 18 µA BO LOW-level output current IOL1 VOL = 1.0V 4.0 – – mA BO HIGH-level output current IOH1 VOH = 2.0V 4.0 – – mA LO LOW-level output current IOL2 VOL = 1.0V 10 – – mA LO HIGH-level output current IOH2 VOH = 2.0V 8 – – mA TO oscillator frequency fOSC 35 50 65 kHz TO oscillator start voltage VDOB – – 2.0 V TO oscillator stop voltage VDOS – – 2.0 V VDD VSS A 3.0V VDD LH VSS A 3.0V |
Similar Part No. - CF1156_06 |
|
Similar Description - CF1156_06 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |