Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP7NB60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP7NB60
Description  N-CHANNEL 600V - 1.0 廓 - 7.2A TO-220/TO-220FP PowerMESH??MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NB60 Datasheet(HTML) 3 Page - STMicroelectronics

  STP7NB60_07 Datasheet HTML 1Page - STMicroelectronics STP7NB60_07 Datasheet HTML 2Page - STMicroelectronics STP7NB60_07 Datasheet HTML 3Page - STMicroelectronics STP7NB60_07 Datasheet HTML 4Page - STMicroelectronics STP7NB60_07 Datasheet HTML 5Page - STMicroelectronics STP7NB60_07 Datasheet HTML 6Page - STMicroelectronics STP7NB60_07 Datasheet HTML 7Page - STMicroelectronics STP7NB60_07 Datasheet HTML 8Page - STMicroelectronics STP7NB60_07 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
STP7NB60/FP
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise specified)
Table 6. Off
Table 7. On (1)
Note: 1. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
Table 8. Dynamic
Note: 1. Pulsed: Pulse duration = 300
µs, duty cycle 1.5 %
Table 9. Switching On
Table 10. Switching Off
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250 mA; VGS = 0
600
V
IDSS
Zero Gate Voltage
VDS = Max Rating
1
µA
Drain Current (VGS = 0)
VDS = Max Rating; Tc = 125 °C
50
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 30 V
± 100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGS(th)
Gate Threshold Voltage
VDS = VGS; ID = 250 µA3
4
5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V; ID = 3.6 A
1.0
1.2
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs
(1)
Forward
Transconductance
VDS > ID(on) x RDS(on)max; ID = 3.6 A
4
5.3
S
Ciss
Input Capacitance
VDS = 25 V; f = 1 MHz; VGS = 0
1250
1625
pF
Coss
Output Capacitance
165
223
pF
Crss
Reverse Transfer
Capacitance
16
22
pF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Time
VDD = 300 V; ID = 3.6 A RG = 4.7 Ω
18
27
ns
tr
Rise Time
VGS = 10 V (see test circuit, Figure 18)
8
12
ns
Qg
Total Gate Charge
VDD = 480 V ID = 7.2 A VGS = 10 V
30
45
nC
Qgs
Gate-Source Charge
9.9
nC
Qgd
Gate-Drain Charge
13.3
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tr(Voff)
Off-voltage Rise Time
VDD = 480 V; ID = 7.2 A; RG = 4.7 Ω
812
ns
tf
Fall Time
VGS = 10 V (see test circuit, Figure 20)
5
8
ns
tc
Cross-over Time
15
23
ns


Similar Part No. - STP7NB60_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7NB60FP STMICROELECTRONICS-STP7NB60FP Datasheet
115Kb / 9P
   N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
More results

Similar Description - STP7NB60_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP5NB60 STMICROELECTRONICS-STP5NB60 Datasheet
108Kb / 9P
   N - CHANNEL 600V - 1.8ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STP2HNC60 STMICROELECTRONICS-STP2HNC60 Datasheet
328Kb / 9P
   N-CHANNEL 600V - 4ohm - 2.2A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP8NC60 STMICROELECTRONICS-STP8NC60 Datasheet
326Kb / 9P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP2NC60 STMICROELECTRONICS-STP2NC60 Datasheet
334Kb / 9P
   N-CHANNEL 600V - 7ohm - 1.9A - TO-220/TO-220FP PowerMesh?줚I MOSFET
STP6LNC60FP STMICROELECTRONICS-STP6LNC60FP Datasheet
324Kb / 9P
   N-CHANNEL 600V - 1ohm - 5.8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP4NC60 STMICROELECTRONICS-STP4NC60 Datasheet
356Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STP4NC60A STMICROELECTRONICS-STP4NC60A Datasheet
338Kb / 10P
   N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?줚I MOSFET
STB7NB60 STMICROELECTRONICS-STB7NB60 Datasheet
99Kb / 9P
   N - CHANNEL 600V - 1.0 OMH - 7.2A - I2PAK/D2PAK PowerMESH MOSFET
STP6NC60 STMICROELECTRONICS-STP6NC60 Datasheet
364Kb / 10P
   N-CHANNEL 600V - 1ohm - 6A TO-220/TO-220FP/I2PAK PowerMESH?줚I MOSFET
STGP10NB60S STMICROELECTRONICS-STGP10NB60S_05 Datasheet
387Kb / 13P
   N-CHANNEL 10A - 600V - TO-220/TO-220FP/D2PAK PowerMESH TM IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com