Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5021 Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5021
Description  Crystal Oscillator Module ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5021 Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5021_06 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5021_06 Datasheet HTML 12Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SM5021 series
SEIKO NPC CORPORATION —9
MEASUREMENT CIRCUITS
Measurement cct 1
2.0Vp-p, 10MHz sine wave input signal (3V operation)
3.5Vp-p, 10MHz sine wave input signal (5V operation)
C1: 0.001
µF
R1: 50
R2: 525
Ω (3V operation/ ×A, ×B, ×C, ×D series)
263
Ω (3V operation/ ×E series)
490
Ω (5V operation)
R3: 100k
Ω (K×, L× series)
Measurement cct 4
Measurement cct 2
Measurement cct 5
Measurement cct 3
2.0Vp-p, 70MHz sine wave input signal (3V operation)
3.5Vp-p, 70MHz sine wave input signal (5V operation)
C1: 0.001
µF
R1: 50
R3: 100k
Ω (K×, L× series)
Measurement cct 6
Rfo: 2.7kΩ (K×, L× series)
Signal
Generator
VDD
VSS
XT
Q
R1
R2
C1
VOH
0V
Q output
R3
XTN
VDD
VSS
IPR
5.0V
INHN
RUP =
VDD
IPR
A
VDD
VSS
Q
IOL, IZ
VOL
V
A
INHN
IZ
VDD
VSS
IRf
Rf =
XT
VDD
IRf
XTN
A
Signal
Generator
VDD
VSS
XT
Q
R1
C1
R3
XTN
IDD
VDD
VSS
XT
Q
X'tal
XTN
INHN
A
Rfo
IDD
IST


Similar Part No. - SM5021_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021AAH NPC-SM5021AAH Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5021ABH NPC-SM5021ABH Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5021ACH NPC-SM5021ACH Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5021ADH NPC-SM5021ADH Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5021_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com