Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6451A Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM6451A
Description  Audio Variable Volume IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451A Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM6451A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
SM6451A
SEIKO NPC CORPORATION —9
ANALOG PERFORMANCE CHARACTERISTICS
DVDD = AVDD = 5.0V, 100k
Ω output load resistance, Ta = 25°C
Figure 3. THD + N vs. input amplitude
Figure 4. THD + N vs. input frequency
Figure 5. Attenuation error
Figure 6. Residual noise vs. ATT
Figure 7. Frequency response
Figure 8. Crosstalk frequency response
0.001
1
0.01
0.1
2
1
0.1
VIN [Vrms]
f = 1kHz
ATT = 0dB
20kHz LPF
0.001
0.1
0.01
20
20k
100
1k
10k
Freq [Hz]
VIN = 0.2Vrms
ATT = 0dB
20kHz LPF
VIN = 1.2Vrms
VIN = 0.8Vrms
VIN = 0.4Vrms
−5
−4
−3
−2
−1
0
1
2
0
−20
−10
−30
−50
−60
−70
−80
−40
ATT [dB]
VIN = 1.2Vrms
f = 1kHz
0
4
8
12
16
20
0
−10
−20
−30
−40
−50
−60
−70
−80
ATT [dB]
VIN = 0Vrms
A-Weight Filter
−100
−80
−60
−40
−20
+0
20
100
1k
10k
100k
Freq [Hz]
ATT =
−20dB
ATT =
−40dB
ATT =
−60dB
ATT =
−80dB
ATT = MUTE
ATT = 0dB
VIN = 1.2Vrms
−140
−40
−120
−100
−80
−60
20
100
1k
10k
100k
Freq [Hz]
VIN = 1.2Vrms
ATT = 0dB


Similar Part No. - SM6451A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451AV NPC-SM6451AV Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
More results

Similar Description - SM6451A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com