Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMH3111NT1 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMH3111NT1
Description  Heterostructure Field Effect Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMH3111NT1 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMH3111NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMH3111NT1 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
RF Device Data
Freescale Semiconductor
MMH3111NT1
50 OHM APPLICATION CIRCUIT: 800-1900 MHz
Figure 14. 50 Ohm Test Circuit Schematic
Figure 15. S21, S11 and S22 versus Frequency
−40
600
f, FREQUENCY (MHz)
VDD = 5 Vdc
IDD = 150 mA
800
1000
20
10
0
−10
−20
−30
S21
S11
RF
OUTPUT
RF
INPUT
VSUPPLY
C3
Z1
Z2
C1
C2
R1
L1
VCC
DUT
Figure 16. 50 Ohm Test Circuit Component Layout
Z1
0.347″ x 0.058″ Microstrip
Z2
0.068″ x 0.058″ Microstrip
Z3
0.418″ x 0.058″ Microstrip
Z4
0.089″ x 0.058″ Microstrip
Z5
0.172″ x 0.058″ Microstrip
Z6
0.403″ x 0.058″ Microstrip
Z7
0.086″ x 0.058″ Microstrip
Z8
0.261″ x 0.058″ Microstrip
PCB
Getek Grade ML200C, 0.031″, εr = 4.1
Z8
C6
Z7
Z6
C4
Z5
Z4
L2
Z3
C5
1200
1400
1600
1800
2000
S22
MMG30XX
Rev 2
C1
C5
L2
R1
C4
C3
L1
C2
C6
Table 8. 50 Ohm Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C2
47 pF Chip Capacitors
06035J470BBSTR
AVX
C3
0.1 μF Chip Capacitor
C0603C104J5RAC
Kemet
C4
1 μF Chip Capacitor
C0603C105J5RAC
Kemet
C5
0.7 pF Chip Capacitor
06035J0R7BBSTR
AVX
C6
0.4 pF Chip Capacitor
12105J0R4BBTTR
AVX
L1
56 nH Chip Inductor
HK160856NJ-T
Taiyo Yuden
L2
12 nH Chip Inductor
HK160812NJ-T
Taiyo Yuden
R1
0 W, 1/10 W Chip Resistor
CRCW06030000FKEA
Vishay


Similar Part No. - MMH3111NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
logo
NXP Semiconductors
MMH3111NT1 NXP-MMH3111NT1 Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
More results

Similar Description - MMH3111NT1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMH3111NT1 FREESCALE-MMH3111NT1_08 Datasheet
302Kb / 16P
   Heterostructure Field Effect Transistor (GaAs HFET)
logo
NXP Semiconductors
MMH3111NT1 NXP-MMH3111NT1 Datasheet
468Kb / 15P
   Heterostructure Field Effect Transistor (GaAs HFET)
Rev. 4.1, 10/2014
logo
Qorvo, Inc
SGA8343Z QORVO-SGA8343Z Datasheet
790Kb / 12P
   Heterostructure Bipolar Transistor
logo
KEC(Korea Electronics)
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
   FIELD EFFECT TRANSISTOR
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
   FIELD EFFECT TRANSISTOR
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
   FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822 Datasheet
108Kb / 1P
   FIELD-EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
   FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com