Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5006AKB-1 Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # CF5006AKB-1
Description  Crystal Oscillator Module ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5006AKB-1 Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button CF5006AKB-1 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 9Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 10Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 11Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 12Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 13Page - Nippon Precision Circuits Inc CF5006AKB-1 Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —10
5006AH series
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −40 to 85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 4.5V, IOH = 4mA
3.9
4.2
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 4.5V, IOL = 4mA
0.3
0.5
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW,
VDD = 5.5V
VOH = VDD
––
10
µA
VOL = VSS
––
10
HIGH-level input voltage
VIH
INHN
2.0
V
LOW-level input voltage
VIL
INHN
0.8
V
Current consumption
IDD
INHN = open,
Measurement cct 3,
load cct 1,
VDD = 4.5 to 5.5V,
CL = 15pF
f = 30MHz
SM5006AHAS
CF5006AHA
–15
30
mA
f = 40MHz
SM5006AHBS
CF5006AHB
–18
36
f = 60MHz,
Ta = –20 to 80
°C
CF5006AHC
25
50
f = 60MHz,
Ta = –15 to 75
°C
SM5006AHCS
25
50
f = 70MHz,
Ta = –20 to 80
°C
CF5006AHD
32
65
f = 70MHz,
Ta = –15 to 75
°C
SM5006AHDS
32
65
INHN pull-up resistance
RUP
Measurement cct 4
50
150
k
Feedback resistance
Rf
Measurement cct 5
SM5006AHAS, CF5006AHA
6.97
8.2
9.43
k
SM5006AHBS, CF5006AHB
4.76
5.6
6.44
SM5006AHCS, CF5006AHC
4.16
4.9
5.64
SM5006AHDS, CF5006AHD
2.21
2.6
2.99
Built-in resistance
RG
Design value, determined by the Rf value
17
20
23
RD
Design value, determined by the Rf value
17
20
23
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is tested.
7.44
8
8.56
pF
CD
Design value. A monitor pattern on a wafer is tested.
14.88
16
17.12


Similar Part No. - CF5006AKB-1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
   EcoFoamTM Conductive Foam
logo
Cvilux Corporation
CF5001SC CVILUX-CF5001SC Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Nippon Precision Circui...
CF5002LA NPC-CF5002LA Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LB NPC-CF5002LB Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LC NPC-CF5002LC Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5006AKB-1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com