Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CF5006CKD-1 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # CF5006CKD-1
Description  Crystal Oscillator Module ICs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF5006CKD-1 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  CF5006CKD-1 Datasheet HTML 1Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 2Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 3Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 4Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 5Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 6Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 7Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 8Page - Nippon Precision Circuits Inc CF5006CKD-1 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SM5006 series
SEIKO NPC CORPORATION —5
Recommended Operating Conditions
SM5006 series (package form)
VSS = 0V
Parameter
Symbol
Series
Condition
Rating
Unit
min
typ
max
Supply voltage
VDD
ANA, ANB, CNC,
CND, DNC
f
≤ 50MHz, CL = 50pF
4.5
5.5
V
f
≤ 70MHz, CL = 15pF
4.5
5.5
f
≤ 40MHz, CL = 15pF
2.7
3.6
ANC, AND, BNC,
CNE, DNE
f
≤ 70MHz, CL = 50pF
4.5
5.5
V
f
≤ 100MHz, CL = 15pF
4.5
5.5
f
≤ 50MHz, CL = 15pF
2.7
3.6
f
≤ 70MHz, CL = 15pF
3.0
3.6
ANE, ANF, BNE
f
≤ 100MHz, CL = 15pF
4.5
5.5
V
f
≤ 107MHz, CL = 15pF
4.5
5.5
f
≤ 50MHz, CL = 15pF
2.7
3.6
f
≤ 70MHz, CL = 15pF
3.0
3.6
AKA, AKB, AKC,
CKD, DKC
f
≤ 70MHz, CL = 15pF
4.5
5.5
V
AKD, BKC
f
≤ 70MHz, CL = 15pF
4.5
5.5
V
AHA, AHB, AHC,
AHD
f
≤ 70MHz, CL = 15pF
4.5
5.5
V
Input voltage
VIN
All series
VSS
–VDD
V
Operating temperature
TOPR
ANA, ANB, CNC,
CND, DNC
f
≤ 50MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
0
+ 70
f
≤ 40MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6
− 10
+ 70
ANC, AND, BNC,
CNE, DNE
f
≤ 50MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 80
°C
f
≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
f
≤ 100MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
0
+ 70
f
≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6
− 20
+ 80
f
≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6
− 20
+ 80
ANE, ANF, BNE
f
≤ 70MHz, CL = 50pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80
°C
f
≤ 100MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
f
≤ 107MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80
f
≤ 50MHz, CL = 15pF, 2.7 ≤ VDD ≤ 3.6
− 20
+ 80
f
≤ 70MHz, CL = 15pF, 3.0 ≤ VDD ≤ 3.6
− 20
+ 80
AKA, AKB, AKC,
CKD, DKC
f
≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
0
+ 70
AKD, BKC
f
≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 20
+ 80
AHA, AHB, AHC,
AHD
f
≤ 50MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 40
+ 85
°C
f
≤ 70MHz, CL = 15pF, 4.5 ≤ VDD ≤ 5.5
− 15
+ 75


Similar Part No. - CF5006CKD-1

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CF500 LSTD-CF500 Datasheet
320Kb / 2P
   EcoFoamTM Conductive Foam
logo
Cvilux Corporation
CF5001SC CVILUX-CF5001SC Datasheet
785Kb / 3P
   1.00mm(039") ZIF FFC/FPC ONE-TOUCH CONNECTOR
14.11.14
logo
Nippon Precision Circui...
CF5002LA NPC-CF5002LA Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LB NPC-CF5002LB Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
CF5002LC NPC-CF5002LC Datasheet
95Kb / 9P
   Crystal Oscillator Module ICs
More results

Similar Description - CF5006CKD-1

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com