Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF5027C7-4 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # WF5027C7-4
Description  Crystal Oscillator Module ICs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5027C7-4 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button WF5027C7-4 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 9Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 10Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 11Page - Nippon Precision Circuits Inc WF5027C7-4 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
WF5027 series
SEIKO NPC CORPORATION —8
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
For Fundamental Oscillator
VSS = 0V
For 3rd Overtone Oscillator
VSS = 0V
Parameter
Symbol
Condition
Rating
Unit
Supply voltage range
VDD
Between VDD and VSS
−0.5 to +4.0
V
Input voltage range
VIN
Input pins
−0.5 to VDD + 0.5
V
Output voltage range
VOUT
Output pins
−0.5 to VDD + 0.5
V
Storage temperature range
TSTG
Wafer form
−65 to +150
°C
Output current
IOUT
Q pin
± 20
mA
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage
VDD
CL
≤ 15pF
1.60
3.63
V
Input voltage
VIN
Input pins
VSS
–VDD
V
Operating temperature
TOPR
−40
+85
°C
Oscillation frequency*1
*1. The oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillation frequency
range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation
characteristics of components must be carefully evaluated.
fO
5027
×1 to 5027×7
20–60
MHz
5027
×P to 5027×W
60
100
MHz
Output frequency
fOUT
CL
≤ 15pF
5027
×1 to 5027×7
0.9
60
MHz
5027
×P to 5027×W
0.9
100
MHz
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Operating supply voltage
VDD
CL
≤ 15pF
1.60
3.63
V
Input voltage
VIN
Input pins
VSS
–VDD
V
Operating temperature
TOPR
−40
+85
°C
Oscillation frequency*1
*1. The oscillation frequency is a yardstick value derived from the crystal used for NPC characteristics authentication. However, the oscillation frequency
range is not guaranteed. Specifically, the characteristics can vary greatly due to crystal characteristics and mounting conditions, so the oscillation
characteristics of components must be carefully evaluated.
fO
5027
×A
40–50
MHz
5027
×B
50–65
MHz
5027
×C
65–85
MHz
5027
×D
85
110
MHz


Similar Part No. - WF5027C7-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
WF5025 NPC-WF5025 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL1 NPC-WF5025AL1 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL2 NPC-WF5025AL2 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL3 NPC-WF5025AL3 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
WF5025AL4 NPC-WF5025AL4 Datasheet
121Kb / 16P
   Crystal Oscillator Module ICs
More results

Similar Description - WF5027C7-4

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com