Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRF-AT4520-E Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HRF-AT4520-E
Description  31.0 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HRF-AT4520-E Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

  HRF-AT4520-E Datasheet HTML 1Page - Honeywell Solid State Electronics Center HRF-AT4520-E Datasheet HTML 2Page - Honeywell Solid State Electronics Center HRF-AT4520-E Datasheet HTML 3Page - Honeywell Solid State Electronics Center HRF-AT4520-E Datasheet HTML 4Page - Honeywell Solid State Electronics Center HRF-AT4520-E Datasheet HTML 5Page - Honeywell Solid State Electronics Center HRF-AT4520-E Datasheet HTML 6Page - Honeywell Solid State Electronics Center HRF-AT4520-E Datasheet HTML 7Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
HRF-AT4520
Preliminary
________________________________________________________________________________________________________
Web Site:
www.mysoiservices.com
Honeywell
Email:
mysoiservices@honeywell.com
Solid State Electronics Center
12001 State Highway 55
2002 4520W
Published June 2002
Page 6
Plymouth, Minnesota 55441-4799
1-800-323-8295
Compression
The P1dB curve shows all states with a
P1dB compression at approximately 23dB
input power. The conditions for this curve
are Vdd = +5.0v and Vss = 0v. For higher
P1dB compression values, supply Vss with
a negative voltage as shown in the next
curve.
The P1dB curve shows all states with a P1dB
compression at approximately 31dB input
power. The conditions for this curve are Vdd =
+5.0v and Vss = -5.0v.


Similar Part No. - HRF-AT4520-E

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-B HONEYWELL-HRF-AT4521-B Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-E HONEYWELL-HRF-AT4521-E Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-FL-TR HONEYWELL-HRF-AT4521-FL-TR Datasheet
150Kb / 7P
   31.0 dB, DC - 2.5GHz, 5 Bit Serial Digital Attenuator
HRF-AT4521-TR HONEYWELL-HRF-AT4521-TR Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
More results

Similar Description - HRF-AT4520-E

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HRF-AT4521 HONEYWELL-HRF-AT4521 Datasheet
92Kb / 8P
   31.0 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
HRF-AT4510 HONEYWELL-HRF-AT4510 Datasheet
725Kb / 7P
   15.5 dB, DC-4GHz, 5 Bit Parallel Digital Attenuator
HRF-AT4610 HONEYWELL-HRF-AT4610 Datasheet
123Kb / 8P
   31.5 dB, DC-4GHz, 6 Bit Parallel Digital Attenuator
HRF-AT4521-FL-TR HONEYWELL-HRF-AT4521-FL-TR Datasheet
150Kb / 7P
   31.0 dB, DC - 2.5GHz, 5 Bit Serial Digital Attenuator
HRF-AT4511 HONEYWELL-HRF-AT4511 Datasheet
546Kb / 8P
   15.5 dB, DC-4GHz, 5 Bit Serial Digital Attenuator
logo
Tyco Electronics
AT90-1263 MACOM-AT90-1263 Datasheet
775Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007083-000100 MA-COM-MAAD-007083-000100 Datasheet
147Kb / 4P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
MAAD-007078-000100 MA-COM-MAAD-007078-000100 Datasheet
161Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT90-0001 MACOM-AT90-0001 Datasheet
239Kb / 3P
   Digital Attenuator, 31.0 dB, 5-Bit, TTL Driver, DC-6.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0007 MA-COM-MAATCC0007 Datasheet
140Kb / 6P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com