Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM6435 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM6435
Description  Digital Media Processor
Download  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM6435 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM6435 Datasheet HTML 3Page - Texas Instruments TMS320DM6435 Datasheet HTML 4Page - Texas Instruments TMS320DM6435 Datasheet HTML 5Page - Texas Instruments TMS320DM6435 Datasheet HTML 6Page - Texas Instruments TMS320DM6435 Datasheet HTML 7Page - Texas Instruments TMS320DM6435 Datasheet HTML 8Page - Texas Instruments TMS320DM6435 Datasheet HTML 9Page - Texas Instruments TMS320DM6435 Datasheet HTML 10Page - Texas Instruments TMS320DM6435 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 252 page
background image
www.ti.com
TMS320DM6435
Digital Media Processor
SPRS344B – NOVEMBER 2006 – REVISED NOVEMBER 2007
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 5.3
Section 5.3, Electrical Characteristics Over Recommended Ranges of Supply Voltage and Operating
Temperature (Unless Otherwise Noted):
Updated/Changed table note from "Measured under the following conditions..." to "Assumes the following
conditions..."
Deleted "VI = VSS to DVDD33 without internal pullup resistor" from Input current [DC] (except I2C) row
Updated/Changed IOZ VO = DVDD33 or VSS; internal pull disabled MAX value from "±20 µA" to "±50 µA"
Updated/Changed IOH CLK_OUT0/PWM2/GPIO[84] MAX value from "8mA" to "-8mA"
Updated/Changed IOH All other peripherals MAX value from "4mA" to "-4mA"
Updated/Changed ICDD CVDD = 1.2V, DSP clock = 600 MHz supply current from "TBD" to "524 mA"
Updated/Changed ICDD CVDD = 1.2V, DSP clock = 500 MHz supply current from "TBD" to "460 mA"
Updated/Changed ICDD CVDD = 1.2V, DSP clock = 400 MHz supply current from "TBD" to "392 mA"
Updated/Changed ICDD CVDD = 1.05V, DSP clock = 400MHz supply current from "TBD" to "341 mA"
Updated/Changed IDDD 3.3 V I/O DSP clock = 600 MHz supply current from "TBD" to "13 mA"
Updated/Changed IDDD 3.3 V I/O DSP clock = 500 MHz supply current from "TBD" to "13 mA"
Updated/Changed IDDD 3.3 V I/O DSP clock = 400 MHz supply current from "TBD" to "13 mA"
Updated/Changed IDDD 1.8V I/O, CVDD = 1.2 V, DSP clock = 600 MHz supply current from "TBD" to "93
mA"
Updated/Changed IDDD 1.8V I/O, CVDD = 1.2 V, DSP clock = 500 MHz supply current from "TBD" to "92
mA"
Updated/Changed IDDD 1.8V I/O, CVDD = 1.2 V, DSP clock = 400 MHz supply current from "TBD" to "91
mA"
Updated/Changed IDDD 1.8V I/O, CVDD = 1.05 V, DSP clock = 400 MHz supply current from "TBD" to "72
mA"
Section 6.5.2
Section 6.5.2, Warm Reset (RESET Pin):
Updated/Changed step 4 from "The POR pin may now be deasserted" to "The RESET pin may now be
deasserted"
Updated/Changed step 4 from "When the POR pin is deasserted" to "When the RESET pin is deasserted"
Section 6.5.6
Section 6.5.6, Reset Priority:
Updated/Changed first paragraph from "The rest request priorities..." to "The reset request priorities..."
Section 6.5.7
Section 6.5.7, Reset Controller Register:
Added TMS320DM643x DMP DSP Subsystem Reference Guide (literature number SPRU978) reference to
paragraph
Section 6.6.1
Section 6.6.1, Clock Input Option 1—Crystal
Table 6-13, Input Requirements for Crystal:
Updated/Changed Frequency stability MAX value from "
± 50 or ± 200" to "± 50"
Updated/Changed table note
Section 6.7.1
Section 6.7.1, PLL1 and PLL2:
Table 6-15, PLLC1 Clock Frequency Ranges:
Added "-6 devices at 1.05-V CVDD" and "400 MHz" MAX value to SYSCLK1 (CLKDIV1 Domain) row
Updated/Changed PLLOUT MIN values from "400 MHz" to "300 MHz"
Section 6.7.4
Section 6.7.4, Clock PLL Electrical Data/Timing (Input and Output Clocks)
Table 6-19, Timing Requirements for MXI/CLKIN (-4 -4Q,-4S,-5,-5Q,-5S,-6) Devices:
Added "Frequency Stability"
Added table note
Section 6.4.2
Table 6-7, DM6435 EDMA Registers:
Updated/Changed the following registers to "Reserved": QRAE2, QRAE3, DRAE2, DRAEH2, DRAE3, and
DRAEH3
Section 6.8
Section 6.8, Interrupts:
Deleted "NMI" from "Also, the interrupt controller controls the generation of the CPU exception, NMI, and
emulation interrupts" sentence
Added "The NMI input to the C64x+ DSP interrupt controller is not connected internally; therefore, the NMI
interrupt is not available."
Section 6.9.3
Section 6.9.3, EMIFA Electrical Data/Timing
Table 6-24, Timing Requirements for Asynchronous Memory Cycles for EMIFA Module:
Added "NOM" column to represent nominal values
Updated/Changed tsu(EMDV-EMOEH) MIN value from "TBD" to "5 ns"
Updated/Changed tsu(EMOEH-EMDIV) MIN value from "TBD" to "0 ns"
Updated/Changed tsu(EMWAIT-EMOEH) MIN value from "4E + TBD" to "4E + 5 ns"
Updated/Changed tsu(EMWAIT-EMWEH) MIN value from "4E + TBD" to "4E + 5 ns"
Table 6-25, Switching Characteristics Over Recommended Operating Conditions for Asynchronous Memory
Cycles for EMIFA Module:
Added "NOM" column to represent nominal values
Added "When EW = 1, the EMIF will extend the strobe period up to 4,096 cycles..." table note
Deleted "EW = 1" from tc(EMRCYCLE), tw(EMOEL), tc(EMWCYCLE), and tw(EMWEL)
Submit Documentation Feedback
Revision History
7


Similar Part No. - TMS320DM6435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6435 TI1-TMS320DM6435 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435EZWT6 TI1-TMS320DM6435EZWT6 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435EZWT6 TI1-TMS320DM6435EZWT6 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435Q TI1-TMS320DM6435Q Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
More results

Similar Description - TMS320DM6435

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM6431 TI-TMS320DM6431 Datasheet
1Mb / 225P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_10 Datasheet
1Mb / 181P
[Old version datasheet]   Digital Media Processor
TMS320DM6437 TI-TMS320DM6437_08 Datasheet
2Mb / 305P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI1-TMS320DM647_16 Datasheet
1Mb / 190P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_15 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_16 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6435 TI1-TMS320DM6435_17 Datasheet
2Mb / 252P
[Old version datasheet]   Digital Media Processor
TMS320DM6431 TI1-TMS320DM6431_17 Datasheet
1Mb / 227P
[Old version datasheet]   Digital Media Processor
TMS320DM6433 TI1-TMS320DM6433_17 Datasheet
2Mb / 271P
[Old version datasheet]   Digital Media Processor
TMS320DM647 TI-TMS320DM647_08 Datasheet
1Mb / 167P
[Old version datasheet]   Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com