Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APE1085H25 Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # APE1085H25
Description  3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1085H25 Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  APE1085H25 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1085H25 Datasheet HTML 9Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
APE1085
3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Advanced Power Electronics Corp.
www.a-power.com.tw
4/1
0
Pb Free Plating Product
Typical Circuit
(1) TO263/252/220
5.0V to 3.3V Fixed Mode Regulator
C2
100uF
5V
3.3V/5A
Tab is Vout
Vin
Vout
GND
C1
100uF
Adjustable Regulator
R1
R2
C2
100uF
5V
2.5V/5A
Tab is Vout
Vin
Vout
Adj
C1
100uF
121
121
)
R
1
R
2
(1
V
REF
V
O
+
=
Note:
3.3V/3A
2.5V/3A
Advanced Power
Electronics Corp.


Similar Part No. - APE1085H25

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE1084 A-POWER-APE1084 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1084H A-POWER-APE1084H Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1084H15 A-POWER-APE1084H15 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1084H18 A-POWER-APE1084H18 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
APE1084H25 A-POWER-APE1084H25 Datasheet
720Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results

Similar Description - APE1085H25

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GU1085 ETL-GU1085 Datasheet
260Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GE1085 GTM-GE1085 Datasheet
229Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GU1085 GTM-GU1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1085LM SECOS-S3U1085LM Datasheet
622Kb / 5P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
GJ1085 GTM-GJ1085 Datasheet
224Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
SeCoS Halbleitertechnol...
S3U1085 SECOS-S3U1085 Datasheet
632Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
GE1085 ETL-GE1085 Datasheet
232Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G3U1085 GTM-G3U1085 Datasheet
258Kb / 4P
   3A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1084 ANACHIP-AP1084 Datasheet
197Kb / 10P
   5A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com