Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCF8301 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCF8301
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8301 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCF8301 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8301 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TPCF8301
2006-11-16
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
92.6
Thermal resistance,
channel to ambient
(t
= 5 s)
(Note 2a) Single-device value at
dual operation (Note 3b)
Rth (ch-a) (2)
111.6
°C/W
Single-device operation
(Note 3a)
Rth (ch-a) (1)
235.8
Thermal resistance,
channel to ambient
(t
= 5 s)
(Note 2b) Single-device value at
dual operation (Note 3b)
Rth (ch-a) (2)
378.8
°C/W
Note: (Note 1), (Note 2), (Note 3), (Note 4), (Note 5) and (Note 6): See the next page.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±8 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = −20 V, VGS = 0 V
−10
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−20
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 8 V
−12
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −200 μA
−0.5
−1.2
V
RDS (ON)
VGS = −1.8 V, ID = −0.7 A
215
300
RDS (ON)
VGS = −2.5 V, ID = −1.4 A
110
160
Drain-source ON resistance
RDS (ON)
VGS = −4.5 V, ID = −1.4 A
72
110
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −1.4 A
2.4
4.7
S
Input capacitance
Ciss
470
Reverse transfer capacitance
Crss
70
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
80
pF
Rise time
tr
5
Turn-on time
ton
9
Fall time
tf
8
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
26
ns
Total gate charge
(gate-source plus gate-drain)
Qg
6
Gate-source charge
Qgs
4
Gate-drain (“miller”) charge
Qgd
VDD ∼− −16 V, VGS = −5 V,
ID = −2.7 A
2
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse (Note 1)
IDRP
−10.8
A
Forward voltage (diode)
VDSF
IDR = −2.7 A, VGS = 0 V
1.2
V
VDD ∼− −10 V
−5 V
VGS
0 V
ID = −1.4 A
VOUT


Similar Part No. - TPCF8301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8301 TOSHIBA-TPCF8301 Datasheet
75Kb / 5P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U竊뛏OS??
TPCF8301 TOSHIBA-TPCF8301 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCF8301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8110 TOSHIBA-TPC8110 Datasheet
406Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8102 TOSHIBA-TPCF8102_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8101 TOSHIBA-TPCP8101 Datasheet
227Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101 Datasheet
187Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8101 TOSHIBA-TPCF8101_07 Datasheet
212Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCF8103 TOSHIBA-TPCF8103_07 Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPC6105 TOSHIBA-TPC6105 Datasheet
226Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS III)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com