Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8003-H Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCP8003-H
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8003-H Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCP8003-H Datasheet HTML 1Page - Toshiba Semiconductor TPCP8003-H Datasheet HTML 2Page - Toshiba Semiconductor TPCP8003-H Datasheet HTML 3Page - Toshiba Semiconductor TPCP8003-H Datasheet HTML 4Page - Toshiba Semiconductor TPCP8003-H Datasheet HTML 5Page - Toshiba Semiconductor TPCP8003-H Datasheet HTML 6Page - Toshiba Semiconductor TPCP8003-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCP8003-H
2007-06-22
5
0
0
2
6
9
20
40
60
80
140
0
2
4
10
14
VDD = 80 V
20
VDS
8
7
4
40
100
120
3
8
5
6
12
40
20
VGS
VDD = 80 V
1
0
40
80
120
160
0
0.4
0.8
1.2
2
1.6
(2)
(1)
0
−80
−40
0
40
80
120
160
0.5
1
2.5
1.5
3
2
0.1
1
10
100
1
100
1000
Ciss
Coss
Crss
10
0
1
10
0.2
0.4
0.6
0.8
1.2
VGS = -1V
0
10
3
0.1
5
1.0
1
50
−80
−40
0
40
80
120
160
100
150
200
300
VGS = 4.5 V
10 V
ID = 2.2A
ID = 2.2A
250
1.1A
1.1A
Total gate charge Qg (nC)
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Dynamic input/output
characteristics
(1)Device mounted on a glass-epoxy
board (a) (Note 2a)
(2)Device mounted on a glass-epoxy
board (b) (Note 2b)
t=
5s
Common source
Ta
= 25°C
Pulse test
Common source
Pulse test
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Common source
VDS = 10 V
ID = 1 mA
Pulse test
Common source
ID = 2.2 A
Ta
= 25°C
Pulse test


Similar Part No. - TPCP8003-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8003-H TOSHIBA-TPCP8003-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8003-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8004-H TOSHIBA-TPCA8004-H Datasheet
296Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8014-H TOSHIBA-TPCA8014-H Datasheet
41Kb / 4P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8009-H TOSHIBA-TPC8009-H Datasheet
185Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC8010-H TOSHIBA-TPC8010-H Datasheet
342Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (High speed U-MOSIII)
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPCS8208 TOSHIBA-TPCS8208 Datasheet
205Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPC6003 TOSHIBA-TPC6003 Datasheet
159Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com