Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP23N50LPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRFP23N50LPBF
Description  HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.190廓 , Trr typ. = 170ns , ID = 23A )
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP23N50LPBF Datasheet(HTML) 9 Page - International Rectifier

  IRFP23N50LPBF Datasheet HTML 1Page - International Rectifier IRFP23N50LPBF Datasheet HTML 2Page - International Rectifier IRFP23N50LPBF Datasheet HTML 3Page - International Rectifier IRFP23N50LPBF Datasheet HTML 4Page - International Rectifier IRFP23N50LPBF Datasheet HTML 5Page - International Rectifier IRFP23N50LPBF Datasheet HTML 6Page - International Rectifier IRFP23N50LPBF Datasheet HTML 7Page - International Rectifier IRFP23N50LPBF Datasheet HTML 8Page - International Rectifier IRFP23N50LPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IRFP23N50LPbF
www.irf.com
9
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.02/04
TO-247AC package is not recommended for Surface Mount Application.
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
LEAD ASSIGNMENTS
NOTES:
- D -
5.30 (.209)
4.70 (.185)
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.031)
0.40 (.016)
2.60 (.102)
2.20 (.087)
3.40 (.133)
3.00 (.118)
3X
0.25 (.010) M C A S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.217)
4.50 (.177)
5.50 (.217)
0.25 (.010)
1.40 (.056)
1.00 (.039)
3.65 (.143)
3.55 (.140)
D
M
M
B
- A -
15.90 (.626)
15.30 (.602)
- B -
1
23
20.30 (.800)
19.70 (.775)
14.80 (.583)
14.20 (.559)
2.40 (.094)
2.00 (.079)
2X
2X
5.45 (.215)
1 DIMENSIONING & TOLERANCING
PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE
TO-247-AC.
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
LEAD ASSIGNMENTS
Hexfet
1 - Gate
2 - Drain
3 - Source
4 - Drain
IGBT
1 - Gate
2 - Collector
3 - Emitter
4 - Collector
TO-247AC Part Marking Information
EXAMPLE:
ASSEMBLED ON WW 35, 2000
LOT CODE 5657
WITH ASSEMBLY
THIS IS AN IRFPE30
IN THE AS SEMBLY LINE "H"
035H
LOGO
INTERNATIONAL
RECTIFIER
IRFPE30
LOT CODE
ASSEMBLY
56
57
PART NUMBER
DATE CODE
YEAR 0 = 2000
WEEK 35
LINE H
Note: "P" in assembly line
position indicates "Lead-Free"


Similar Part No. - IRFP23N50LPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFP23N50LPBF VISHAY-IRFP23N50LPBF Datasheet
159Kb / 8P
   Power MOSFET
S-81352-Rev. A, 16-Jun-08
IRFP23N50LPBF VISHAY-IRFP23N50LPBF Datasheet
223Kb / 11P
   Power MOSFET
09-Jul-2021
More results

Similar Description - IRFP23N50LPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP26N60LPBF IRF-IRFP26N60LPBF Datasheet
206Kb / 9P
   HEXFET Power MOSFET ( VDSS = 600V , RDS(on)typ. = 210m廓 , Trr typ. = 170ns , ID = 26A )
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com