Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74HC4002M96 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4002M96
Description  High-Speed CMOS Logic Dual 4-Input NOR Gate
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4002M96 Datasheet(HTML) 4 Page - Texas Instruments

  CD74HC4002M96 Datasheet HTML 1Page - Texas Instruments CD74HC4002M96 Datasheet HTML 2Page - Texas Instruments CD74HC4002M96 Datasheet HTML 3Page - Texas Instruments CD74HC4002M96 Datasheet HTML 4Page - Texas Instruments CD74HC4002M96 Datasheet HTML 5Page - Texas Instruments CD74HC4002M96 Datasheet HTML 6Page - Texas Instruments CD74HC4002M96 Datasheet HTML 7Page - Texas Instruments CD74HC4002M96 Datasheet HTML 8Page - Texas Instruments CD74HC4002M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay,
nA, nB, nC, nD to nY
tPLH, tPHL
CL = 50pF
2
-
100
125
150
ns
4.5
-
20
25
30
ns
6
-
17
21
26
ns
CL = 15pF
5
8
-
-
-
ns
Output Transition Times
(Figure 1)
tTLH, tTHL
CL = 50pF
2
-
75
95
110
ns
4.5
-
15
19
22
ns
6
-
13
16
19
ns
Input Capacitance
CIN
--
-
10
10
10
pF
Power Dissipation
Capacitance (Notes 2, 3)
CPD
CL = 15pF
5
22
-
-
-
pF
NOTES:
2. CPD is used to determine the dynamic power consumption, per gate.
3. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
Test Circuit and Waveform
FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC
tPHL
tPLH
tTHL
tTLH
90%
50%
10%
50%
10%
INVERTING
OUTPUT
INPUT
GND
VCC
tr = 6ns
tf = 6ns
90%
CD54HC4002, CD74HC4002


Similar Part No. - CD74HC4002M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4002M96 TI-CD74HC4002M96 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD74HC4002M96E4 TI-CD74HC4002M96E4 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
More results

Similar Description - CD74HC4002M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4002 TI-CD74HC4002 Datasheet
36Kb / 5P
[Old version datasheet]   High Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC4002 TI-CD54HC4002 Datasheet
337Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Dual 4-Input NOR Gate
CD54HC02 TI-CD54HC02 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC02 TI-CD74HC02 Datasheet
39Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC02 TI-CD54HC02_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD74HC27 TI-CD74HC27 Datasheet
43Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Triple 3-Input NOR Gate
logo
ELM Technology Corporat...
ELM7SH02XB ELM-TECH-ELM7SH02XB Datasheet
277Kb / 3P
   HIGH SPEED CMOS LOGIC IC 2-input NOR gate
logo
Texas Instruments
CD54HC02 TI1-CD54HC02_14 Datasheet
618Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad Two-Input NOR Gate
CD54HC27 TI-CD54HC27 Datasheet
265Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
CD54HC27 TI-CD54HC27_06 Datasheet
261Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Triple 3-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com