Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8105 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TPCS8105
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8105 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TPCS8105_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8105_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8105_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8105_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8105_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8105_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8105_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TPCS8105
2006-11-16
3
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-OFF current
IDSS
VDS = −30 V, VGS = 0 V
−10
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−30
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = −1 mA
−0.8
−2.0
V
VGS = −4 V, ID = −5 A
13.5
19.5
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −5 A
9.6
13.5
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −5 A
11
23
S
Input capacitance
Ciss
5710
Reverse transfer capacitance
Crss
560
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
590
pF
Rise time
tr
18
Turn-ON time
ton
23
Fall time
tf
109
Switching time
Turn-OFF time
toff
Duty <= 1%, tw = 10 μs
396
ns
Total gate charge
(gate-source plus gate-drain)
Qg
107
Gate-source charge 1
Qgs1
12
Gate-drain (“miller”) charge
Qgd
VDD ∼− −24 V, VGS = 10 V,
ID = −10 A
20
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current
Pulse
(Note 1)
IDRP
−40
A
Forward voltage (diode)
VDSF
IDR = −10 A, VGS = 0 V
1.2
V
VDD ∼− −15 V
0 V
VGS
−10 V
ID = −5 A
VOUT


Similar Part No. - TPCS8105_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results

Similar Description - TPCS8105_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com