Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8105 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCS8105
Description  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8105 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCS8105 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8105 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8105 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8105 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8105 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8105 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8105 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCS8105
2006-11-16
5
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain
−source voltage VDS (V)
IDR – VDS
Drain
−source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
0
−0.1
−1
−10
−100
0.2
0.4
0.6
0.8
1.0
−10
Common source
Ta
= 25°C
Pulse test
−5
−3
−1
VGS = 0 V
−1.5
0
−80
−40
0
40
120
160
80
−0.5
−1.0
−2.0
−2.5
Common source
VDS = −10 V
ID = −1 mA
Pulse test
100
150
175
0
0.8
1.2
1.6
2.0
0.4
0
50
(1) Device mounted on a
glass-epoxy board (a) (Note 2a)
(2) Device mounted on a
glass-epoxy board (b) (Note 2b)
t
= 10 s
(1)
(2)
25
75
125
12
0
−80
−40
0
40
120
160
80
4
8
16
20
VGS = −4 V
Common source
Pulse test
ID = −11 A
−0.1
−1
−10
−100
10
100
1000
10000
Crss
Coss
Ciss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Total gate charge Qg (nC)
Dynamic input/output
characteristics
0
−10
−20
−30
0
20
40
60
80
Common source
ID = −11 A
Ta
= 25°C
Pulse test
VDD = −24 V
VDS
VGS
−6
−12
−12
−8
0
−4
140
VDD = −24 V
−12
−6
−5
−15
−25
100
120
−10
−6
−2
−5
−2.5
ID = −11 A
−5
−2.5
VGS = −10 V


Similar Part No. - TPCS8105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results

Similar Description - TPCS8105

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8211 TOSHIBA-TPCS8211_07 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com