Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCS8213 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPCS8213
Description  Lithium Ion Battery Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8213 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPCS8213 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8213 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCS8213
2007-01-16
5
80
160
120
40
60
50
AMBIENT TEMPERATURE Ta (°C)
RDS (ON) – Ta
DRAIN
−SOURCE VOLTAGE VDS (V)
IDR – VDS
DRAIN
−SOURCE VOLTAGE VDS (V)
C – VDS
AMBIENT TEMPERATURE Ta (°C)
Vth – Ta
AMBIENT TEMPERATURE Ta (°C)
PD – Ta
TOTAL GATE CHARGE Qg (nC)
DYNAMIC INPUT/OUTPUT
CHARACTERISTICS
COMMON SOURCE
Ta
= 25°C
PULSE TEST
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
VGS = −1 V
5
0
10
0
−80
−40
0
10
20
30
40
80
120
160
0
COMMON SOURCE
VDS = 10 V
ID = 200 μA
PULSE TEST
−80
−40
0
40
1.6
2.0
1.2
0.4
0.8
0
0
0.2
0.4
0.6
0.8
1
1.2
50
100
200
150
3
1
1
10
100
50
30
5
3
0.1
0.5
0.3
(1)
(4)
(3)
(2)
Device mounted on a glass-epoxy
board (a)
(Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual
operation
(Note 3b)
Device mounted on a glass-epoxy
board (b)
(Note 2b)
(3) Single-device operation
(Note 3a)
(4) Single-device value at dual
operation
(Note 3b)
t
= 10 s
COMMON SOURCE
ID = 6 A
Ta
= 25°C, PULSE TEST
0
20
30
0
4
8
10
VDD = 16 V
VDS
0
8
16
20
4
4
8
VDD = 16 V
10
12
4
6
2
VGS
8
COMMON SOURCE
PULSE TEST
2.5
ID = 6 A
VGS = 4, 4.5 V
3
1.5
0.1
100
1000
10000
1
10
100
10
COMMON SOURCE
Ta
= 25°C
VGS = 0 V
f
= 1 MHz
Ciss
Coss
Crss


Similar Part No. - TPCS8213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8210 TOSHIBA-TPCS8210 Datasheet
426Kb / 7P
   SILICON N CHANNEL MOS TYPE LITHIUM BATTERY APPLICATIONS
TPCS8210 TOSHIBA-TPCS8210 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
TPCS8211 TOSHIBA-TPCS8211 Datasheet
209Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results

Similar Description - TPCS8213

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCS8212 TOSHIBA-TPCS8212_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications
TPCS8210 TOSHIBA-TPCS8210_07 Datasheet
197Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214_09 Datasheet
236Kb / 7P
   Lithium Ion Battery Applications
TPCS8214 TOSHIBA-TPCS8214 Datasheet
223Kb / 7P
   Lithium Ion Battery Applications
TPCT4201 TOSHIBA-TPCT4201 Datasheet
246Kb / 4P
   LITHIUM ION BATTERY APPLICATIONS
TPCS8208 TOSHIBA-TPCS8208_07 Datasheet
193Kb / 7P
   Lithium Ion Battery Applications
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
   Lithium-ion Battery
1.1
logo
Toshiba Semiconductor
TPC8125 TOSHIBA-TPC8125 Datasheet
227Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
TPC8126 TOSHIBA-TPC8126 Datasheet
222Kb / 7P
   Lithium Ion Battery Applications Power Management Switch Applications
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
   Lithium ion battery
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com