Electronic Components Datasheet Search |
|
SN74V3680-7PEU Datasheet(PDF) 1 Page - Texas Instruments |
|
SN74V3680-7PEU Datasheet(HTML) 1 Page - Texas Instruments |
1 / 50 page SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690 1024 × 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Choice of Memory Organizations – SN74V3640 – 1024 × 36 Bit – SN74V3650 – 2048 × 36 Bit – SN74V3660 – 4096 × 36 Bit – SN74V3670 – 8192 × 36 Bit – SN74V3680 – 16384 × 36 Bit – SN74V3690 – 32768 × 36 Bit D 166-MHz Operation (6-ns Read/Write Cycle Time) D User-Selectable Input- and Output-Port Bus Sizing – ×36 in to ×36 out – ×36 in to ×18 out – ×36 in to ×9 out – ×18 in to ×36 out – ×9 in to ×36 out D Big-Endian/Little-Endian User-Selectable Byte Representation D 5-V-Tolerant Inputs D Fixed, Low, First-Word Latency D Zero-Latency Retransmit D Master Reset Clears Entire FIFO D Partial Reset Clears Data, But Retains Programmable Settings D Empty, Full, and Half-Full Flags Signal FIFO Status D Programmable Almost-Empty and Almost-Full Flags; Each Flag Can Default to One of Eight Preselected Offsets D Selectable Synchronous/Asynchronous Timing Modes for Almost-Empty and Almost-Full Flags D Program Programmable Flags by Either Serial or Parallel Means D Select Standard Timing (Using EF and FF Flags) or First-Word Fall-Through (FWFT) Timing (Using OR and IR Flags) D Output Enable Puts Data Outputs in High-Impedance State D Easily Expandable in Depth and Width D Independent Read and Write Clocks Permit Reading and Writing Simultaneously D High-Performance Submicron CMOS Technology D Available in 128-Pin Thin Quad Flat Pack (TQFP) description The SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, and SN74V3690 are exceptionally deep, high-speed CMOS, first-in first-out (FIFO) memories, with clocked read and write controls and a flexible bus-matching ×36/×18/×9 data flow. These FIFOs offer several key user benefits: D Flexible ×36/×18/×9 bus matching on both read and write ports D The period required by the retransmit operation is fixed and short. D The first-word data-latency period, from the time the first word is written to an empty FIFO to the time it can be read, is fixed and short. D High-density offerings up to 1 Mbit Bus-matching synchronous FIFOs are particularly appropriate for network, video, signal processing, telecommunications, data communications, and other applications that need to buffer large amounts of data and match buses of unequal sizes. Each FIFO has a data input port (Dn) and a data output port (Qn), both of which can assume 36-bit, 18-bit, or 9-bit width, as determined by the state of external control pins’ input width (IW), output width (OW), and bus matching (BM) during the master-reset cycle. Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. |
Similar Part No. - SN74V3680-7PEU |
|
Similar Description - SN74V3680-7PEU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |