Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A20W102M2ATR52F Datasheet(PDF) 3 Page - DB Lectro Inc

Part # A20W102M2ATR52F
Description  RoHS Compliant Axial Multilayer Ceramic Capacitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

A20W102M2ATR52F Datasheet(HTML) 3 Page - DB Lectro Inc

  A20W102M2ATR52F Datasheet HTML 1Page - DB Lectro Inc A20W102M2ATR52F Datasheet HTML 2Page - DB Lectro Inc A20W102M2ATR52F Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A15
Z
104
M
1H
TR
52
F
II
I
I
I
I
I
I
SIZE
T.C.
CAPACITANCE
CODE
TOLERANCE
VOLTAGE
PACKAGE
TAPE WIDTH
52mm
RoHS
COMPLIANT
A15
N= NPO
TWO SIGNIFICANT
DIGITS + NO. OF 0.
EXAMPLE
:
J= ±5%
1E= 25V
TR= TAPE/REEL
A20
W= X7R
10PF= 100
K= ±10%
1H= 50V
TA= AMMO
Z= Z5U
100PF= 101
M= ±20%
2A- 100V
Y= Y5V
1'000PF= 102
Z= +80% / -20%
22'000PF= 223
100'000PF= 104
HOW TO ORDER
MULTILAYER CERAMIC CAPACITOR
A SERIES
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Similar Part No. - A20W102M2ATR52F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A20 VISHAY-A20 Datasheet
106Kb / 3P
   Rack and Panel Connectors
Revision: 08-Feb-07
logo
Micrel Semiconductor
A20 MICREL-A20 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
List of Unclassifed Man...
A20 ETC2-A20 Datasheet
3Mb / 35P
   ARMv7 ISA standard ARM instruction set
logo
XP Power Limited
A20 XPPOWER-A20 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Vishay Siliconix
A20 VISHAY-A20 Datasheet
459Kb / 3P
   Rack and Panel Connectors Side Mount
01-Jan-2022
More results

Similar Description - A20W102M2ATR52F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZX-18FF DBLECTRO-JZX-18FF Datasheet
717Kb / 3P
   RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
logo
RFE international
AD10 RFE-AD10 Datasheet
117Kb / 1P
   CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
logo
Kingtronics Internation...
AKT KINGTRONICS-AKT Datasheet
412Kb / 2P
   Axial MLCC Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
UP025SL470J-A-BZ TAIYO-YUDEN-UP025SL470J-A-BZ Datasheet
138Kb / 1P
   Axial Leaded Ceramic Capacitor
logo
TAITRON Components Inco...
TMA TAITRON-TMA Datasheet
177Kb / 5P
   Axial Ceramic Monolithic Capacitor
logo
List of Unclassifed Man...
MC14701 ETC2-MC14701 Datasheet
203Kb / 1P
   ROHS COMPLIANT AXIAL LEAD WIREWOUND RESISTORS, SILICON, 1%
logo
RFE international
AD10CG104K500A RFE-AD10CG104K500A Datasheet
595Kb / 3P
   MULTILAYER CERAMIC CAPACITOR AD Series (C0G/NPO): Axial Leaded
2022.05.31
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com