Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8406-46 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # A8406-46
Description  Various types of cables for frame grabber
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A8406-46 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  A8406-46 Datasheet HTML 1Page - Hamamatsu Corporation A8406-46 Datasheet HTML 2Page - Hamamatsu Corporation A8406-46 Datasheet HTML 3Page - Hamamatsu Corporation A8406-46 Datasheet HTML 4Page - Hamamatsu Corporation A8406-46 Datasheet HTML 5Page - Hamamatsu Corporation A8406-46 Datasheet HTML 6Page - Hamamatsu Corporation A8406-46 Datasheet HTML 7Page - Hamamatsu Corporation A8406-46 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Frame grabber cables
A8406 series
A8406-41/-46/-47/-48 are cables that connect the flat panel sensor to a general frame grabber. One end of this cable has a 80-pin plug mating
with the flat panel sensor digital output receptacle, but the other end is left open. Connect the open end to a plug that mates with the frame
grabber to be used.
Cable for general frame grabber
A8406-41/-46/-47/-48
s Cable color coding and specifications
Pin N o.
Signal
C able color
Marking
color
Pin N o.
Signal
C able color
Marking color
1
A_D ata1+ (LSB)
Blue
-
41
B_D ata1+ (LSB)
Pink
R ed (1)
2
A_D ata1- (LSB)
O range
-
42
B_D ata1- (LSB)
Purple
Black (1)
3
A_D ata2+
G reen
-
43
B_D ata2+
White
Black (1)
4
A_D ata2-
Brown
-
44
B_D ata2-
Blue
Black (2)
5
A_D ata3+
Gray
-
45
B_D ata3+
O range
Black (2)
6
A_D ata3-
Red
-
46
B_D ata3-
G reen
Black (2)
7
A_D ata4+
Black
-
47
B_D ata4+
Brown
Black (2)
8
A_D ata4-
Yellow
-
48
B_D ata4-
Gray
Black (2)
9
A_D ata5+
Pink
-
49
B_D ata5+
Red
Black (2)
10
A_D ata5-
Purple
-
50
B_D ata5-
Yellow
R ed (2)
11
A_D ata6+
White
-
51
B_D ata6+
Pink
R ed (2)
12
A_D ata6-
Blue
R ed (1)
52
B_D ata6-
Purple
Yellow (2)
13
A_D ata7+
O range
White (1)
53
B_D ata7+
White
Yellow (1)
14
A_D ata7-
G reen
White (1)
54
B_D ata7-
Blue
Yellow (1)
15
A_D ata8+
Blown
White (1)
55
B_D ata8+
O range
Yellow (1)
16
A_D ata8-
Gray
White (1)
56
B_D ata8-
G reen
Yellow (1)
17
A_D ata9+
Red
White (1)
57
B_D ata9+
Brown
Yellow (1)
18
A_D ata9-
Black
White (1)
58
B_D ata9-
Gray
Yellow (1)
19
A_D ata10+
Yellow
Black (1)
59
B_D ata10+
Red
Yellow (1)
20
A_D ata10-
Pink
Black (1)
60
B_D ata10-
Yellow
Blue (1)
21
A_D ata11+
Purple
White (1)
61
B_D ata11+
Pink
Yellow (1)
22
A_D ata11-
White
Blue (1)
62
B_D ata11-
Purple
Yellow (1)
23
A_D ata12+ *
6
Blue
R ed (2)
63
B_D ata12+ *
6
White
Yellow (2)
24
A_D ata12- *
6
O range
White (2)
64
B_D ata12- *
6
Blue
O range (1)
25
A_D ata13+
G reen
White (2)
65
B_D ata13+
O range
Yellow (2)
26
A_D ata13-
Brown
White (2)
66
B_D ata13-
G reen
Yellow (2)
27
A_D ata14+ *
7
Gray
White (2)
67
B_D ata14+ *
7
Brown
Yellow (2)
28
A_D ata14- *
7
Red
White (2)
68
B_D ata14- *
7
Gray
Yellow (2)
29
Reserved
Black
White (2)
69
Reserved
Red
O range (1)
30
Reserved
Yellow
Black (2)
70
Reserved
Yellow
Blue (2)
31
Reserved
Pink
Black (2)
71
Reserved
Pink
Yellow (2)
32
Reserved
Purple
White (2)
72
Reserved
Purple
Blue (2)
33
IntExt (TTL)
White
Blue (2)
73
ExtTrgGrb (TTL)
White
O range (1)
34
Reserved
Blue
Black (1)
74
Reserved
Blue
O range (2)
35
Vsync+
O range
Black (1)
75
R eserved *
8
G reen
O range (1)
36
Vsync-
G reen
Black (1)
76
Reserved
Brown
O range (1)
37
Hsync+
Brown
Black (1)
77
R eserved *
8
Gray
O range (1)
38
Hsync-
Gray
Black (1)
78
Reserved
Red
O range (2)
39
Pclk+
Red
Black (1)
79
GND
Pink
O range (1)
40
Pclk-
Yellow
R ed (1)
80
GND
Purple
O range (1)
N ote) N um bers in parentheses of “Marking color” item show m arking nu m ber.
*6: MSB for 12 bit
*7: MSB for 14bit
*8: The signals connected to these pins depend on each devices. R efer to the datasheet for the flat panel sensor.
s Dimensional outline (unit: mm)
KACCA0138EB
141
40
80
a
80-PIN CABLE
PCS-E80FA
PCS-E80LKPA
Cable type No.
A8406-41
a
5000 ± 140
A8406-46
7000 ± 140
A8406-47
10000 ± 200
A8406-48
12000 ± 200
FERRITE CORE
3


Similar Part No. - A8406-46

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406_15 Datasheet
200Kb / 4P
   Frame grabber cables for fl at panel sensor
More results

Similar Description - A8406-46

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406_15 Datasheet
200Kb / 4P
   Frame grabber cables for fl at panel sensor
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Adlink Technology Inc.
PCIE-CPL64 ADLINK-PCIE-CPL64 Datasheet
177Kb / 2P
   2-CH PCI Express짰 PoCL Frame Grabber
logo
Advantech Co., Ltd.
PCIE-1154 ADVANTECH-PCIE-1154 Datasheet
267Kb / 1P
   4-port PCI Express USB Vision Frame Grabber
26-Oct-2021
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Adlink Technology Inc.
PCIE-GIEIMX ADLINK-PCIE-GIEIMX Datasheet
162Kb / 2P
   Intel Movidius Myriad based GigE AI Frame Grabber
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com