Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7943CA-02 Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C7943CA-02
Description  Acquire digital X-ray image in real time and 170 & 176 mm diagonal size
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7943CA-02 Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C7943CA-02 Datasheet HTML 1Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 2Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 3Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 4Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 5Page - Hamamatsu Corporation C7943CA-02 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Flat panel sensor
C7942CA-02, C7943CA-02
4
s System requirements
To operate C7942CA-02 and C7943CA-02 Flat Panel Sensors at full performance, the following system and peripherals are
required.
· PC: IBM compatible PC running on Windows XP
· Digital frame grabber card: Monochrome 16 bits or more, pixel clock 16 MHz or more, RS-422 interface synchronous signal (See
the frame grabber manual.)
The National Instruments IMAQ PCI-1424 (NI parts No. 777662-01) frame grabber with optional memory 64 MB (NI parts No.
920130-64) has been verified to successfully acquire 12-bit digital images from both C7942CA-02 and C7943CA-02. The IMAQ
PCI-1422 (NI parts No. 777959-01) also acquires satisfactory images from C7943CA-02. You can utilize the demonstration
software that comes with the frame grabber as a simple viewer, to acquire and save an image. To do so, refer to the frame
grabber user’s guide for how to use the camera information file for the demonstration software.
· Power source: A.vdd = +5.0 ± 0.1 V (700 mA), D.vdd = +5.0 ± 0.1 V (1000 mA), V (±7.5) = ±7.5 ± 0.5 V (±100 mA)
Please use of a series power supply. (Avoid using a switching power supply.) A power cable (terminated with an
FGG.2B.307.CLAD92Z plug at one end and open at the other end; 2 m; see Table 2.), an external trigger cable (terminated with
an FFA.OS.302.CLAC37 plug at one end and open at the other end; 5 m; see table 3.) and an earth cable (AWG 18; 4 m) comes
supplied with C7942CA-02 and C7943CA-02. An optional frame grabber cable for interface with the 36-pin receptacle (see
Table 1) on C7942CA-02 and C7943CA-02 is also available for synchronous signal input, video output and external control.
The voltages described above are specified at the flat panel sensor side. The impedance of the power cable attached with the
flat panel sensor is low enough but it causes 0.1 V approx. drop. Therefore the voltage at the power source side should be set
0.1 V higher than the voltage specified above.
Install a noise filter on the AC power input line to prevent surges on the AC line.
To supply the synchronous signal through ExtTrgGrb, apply high level of TTL to ExtTrgLemo and IntExt, or leave them without
connection. On the contrary, to use ExtTrgLemo, set high level to ExtTrgGrb and IntExt, or leave them without connection. The
earth terminal must be connected to a stable earth point to eliminate noise from surroundings.
Table 1: P in assig nm ent of 36-pin rece ptac le
Pin N o .
S ignal
Pin N o .
S ignal
1
D ata12+ (M S B )
19
D ata12- (M S B )
2
Da ta 11 +
20
Da ta 11 -
3
D ata10+
21
D ata10-
4
D ata9+
22
D ata9-
5
D ata8+
23
D ata8-
6
D ata7+
24
D ata7-
7
D ata6+
25
D ata6-
8
D ata5+
26
D ata5-
9
D ata4+
27
D ata4-
10
D ata3+
28
D ata3-
11
D ata2+
29
D ata2-
12
D a ta1+ (L S B )
30
D ata1- (LS B )
13
bin0 (T T L)
31
G N D
14
bin1 (T T L)
32
GN D
15
E xtTrgG rb (T T L)
33
IntE xt (T T L)
16
Vs yn c +
34
Vs yn c -
17
H s ync +
35
H s ync -
18
Pc lk +
36
Pc lk -
U nless otherw is e n oted , signa l le ve l is R S -422 .
36-pin recepta c le: T X20A -36R -D 2G F 1-A 1L m ade by J A E (J apa n Avia tion E le c tron ics In dustry, lim ited)
M ating plug: T X20A -36P H 1-D 2P 1-D 1E m a de by J A E (J a pan Aviation E lec tronic s Ind us try, lim ited)
Table 2: P o w er pin assig nm ent and ca ble color
Pin N o .
Co lo r
S ignal
1
B ro w n
+ 7 .5 V
2
Re d
A nalog G N D
3
O range
-7.5 V
4
Ye llo w
A nalog G N D
5
G reen
A nalog +5 V
6
Blu e
Dig ita l G ND
7
P urple
D ig ita l +5 V
S h ie ld
-
A nalog G N D
7-pin pow er rec e pta c le: E C G .2B .307 .C LV m ad e by LE M O S . A .
M ating pow er plug: F G G .2B .307 .C LA D 92Z m ad e by LE M O S . A .
Table 3: E x terna l trigger pin assig nm en t and ca ble color
Pin N o .
Co lo r
S ignal
1
R ed
E xtTrgLem o (T T L)
2
Bla ck
S ignal G N D
S hield
-
A nalog G N D
2-pin rec e pta c le: E C P.0S .30 2.C L L m ad e by LE M O S . A
M ating plug: F FA .0S.302 .C LA C 3 7 m ad e by LE M O S . A .


Similar Part No. - C7943CA-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7943CA HAMAMATSU-C7943CA Datasheet
204Kb / 8P
   Flat panel sensor
More results

Similar Description - C7943CA-02

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7942CK-12 HAMAMATSU-C7942CK-12 Datasheet
138Kb / 6P
   Acquire digital X-ray image in real time and 170 mm diagonal size
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
National Instruments Co...
CVS-1454 NI-CVS-1454 Datasheet
442Kb / 5P
   Real-time FireWire image acquisition,analysis, and storage
logo
Maxim Integrated Produc...
MAX31629 MAXIM-MAX31629 Datasheet
575Kb / 21P
   I2C Digital Thermometer and Real-Time Clock
Rev 1; 12/14
logo
STMicroelectronics
AN421 STMICROELECTRONICS-AN421 Datasheet
93Kb / 11P
   In real time applications
logo
Maxim Integrated Produc...
DS1629 MAXIM-DS1629 Datasheet
496Kb / 23P
   2-Wire Digital Thermometer and Real-Time Clock
19-6849; Rev 11/13
logo
Hamamatsu Corporation
S10831 HAMAMATSU-S10831_15 Datasheet
651Kb / 9P
   CMOS area image sensors for X-ray imaging
S10830 HAMAMATSU-S10830_15 Datasheet
653Kb / 9P
   CMOS area image sensors for X-ray imaging
logo
Dallas Semiconductor
DS1629 DALLAS-DS1629 Datasheet
985Kb / 22P
   2-Wire Digital Thermometer and Real Time Clock
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com