Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8406-62 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # A8406-62
Description  Various types of cables for frame grabber
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

A8406-62 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  A8406-62 Datasheet HTML 1Page - Hamamatsu Corporation A8406-62 Datasheet HTML 2Page - Hamamatsu Corporation A8406-62 Datasheet HTML 3Page - Hamamatsu Corporation A8406-62 Datasheet HTML 4Page - Hamamatsu Corporation A8406-62 Datasheet HTML 5Page - Hamamatsu Corporation A8406-62 Datasheet HTML 6Page - Hamamatsu Corporation A8406-62 Datasheet HTML 7Page - Hamamatsu Corporation A8406-62 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Frame grabber cables
A8406 series
A8406-52/-53/-54/-55 cable are designed to connect the flat panel sensor to the National Instrument IMAQ PCI-1424 and IMAQ PCI-1422 digital
frame grabber board. Both ends of this cable have connectors. One end is a 80-pin plug mating with the flat panel sensor digital output
receptacle, while the other end is a 100-pin plug for the IMAQ PCI-1424 and IMAQ PCI-1422.
Cable for IMAQ PCI-1424/ IMAQ PCI-1422 frame grabber
A8406-52/-53/-54/-55
s Pin connection for A8406-52
TX20A-36PH1-D2P1-D1
Pin No.
Signal
PCS-XE100MA+
Pin No.
TX20A-36PH1-D2P1-D1
Pin No.
Signal
PCS-XE100MA+
Pin No.
1
Data1+ (LSB)
1
21
Data1- (LSB)
2
2
Data2+
3
22
Data2-
4
3
Data3+
5
23
Data3-
6
4
Data4+
7
24
Data4-
8
5
Data5+
9
25
Data5-
10
6
Data6+
11
26
Data6-
12
7
Data7+
13
27
Data7-
14
8
Data8+
15
28
Data8-
16
9
Data9+
17
29
Data9-
18
10
Data10+
19
30
Data10-
20
11
Data11+
21
31
Data11-
22
12
Data12+ *16
23
32
Data12- *16
24
13
Data13+
25
33
Data13-
26
14
Data14+ *17
27
34
Data14- *17
28
15
Reserved *18
33
35
GND
99
16
Reserved *18
35
36
GND
100
17
ExtTrgGrb (TTL)
37
37
IntExt (TTL)
39
18
Vsync+
41
38
Vsync-
42
19
Hsync+
43
39
Hsync-
44
20
Pclk+
49
40
Pclk-
50
*16: MSB for 12 bit
*17: MSB for 14 bit
*18: The signals connected to these pins depend on each devices. Refer to the datasheet for the flat panel sensor.

Note) The IMAQ PCI-1422 frame grabber board may not be compatible with a few types of HAMAMATSU flat panel sensors.
The compatibility should be asked to National Instruments Corporation (http://www.ni.com/) with reference to datasheets
of the flat panel sensors.
The two types of output are available with flat panel sensors: RS-422 and LVDS. Select a digital frame grabber that
matches the output type of the flat panel sensor.
s Dimensional outline (unit: mm)
KACCA0175EA
51
100
1
50
PCS-XE100MA+
PCS-XEM100LU2
40-PIN CABLE
a
10140-60000EL
Cable type No.
A8406-52
a
5000 ± 140
A8406-53
7000 ± 140
A8406-54
10000 ± 200
A8406-55
12000 ± 200
20
40
121
7


Similar Part No. - A8406-62

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406_15 Datasheet
200Kb / 4P
   Frame grabber cables for fl at panel sensor
More results

Similar Description - A8406-62

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406_15 Datasheet
200Kb / 4P
   Frame grabber cables for fl at panel sensor
logo
ALPS ELECTRIC CO.,LTD.
RK097 ALPS-RK097_15 Datasheet
1Mb / 13P
   9.5mm width potentiometer ideal for various types of control
RK163 ALPS-RK163_15 Datasheet
867Kb / 7P
   A wide range of versatile products applicable for various types of control
logo
List of Unclassifed Man...
BAK400 ETC2-BAK400 Datasheet
1Mb / 1P
   KIT ADAPTOR 192 VARIOUS TYPES
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
   Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
Adlink Technology Inc.
PCIE-CPL64 ADLINK-PCIE-CPL64 Datasheet
177Kb / 2P
   2-CH PCI Express짰 PoCL Frame Grabber
logo
Advantech Co., Ltd.
PCIE-1154 ADVANTECH-PCIE-1154 Datasheet
267Kb / 1P
   4-port PCI Express USB Vision Frame Grabber
26-Oct-2021
logo
Bourns Electronic Solut...
CR0402-FX-1150GLF BOURNS-CR0402-FX-1150GLF Datasheet
138Kb / 3P
   Suitable for most types of soldering processes
logo
Adlink Technology Inc.
PCIE-GIEIMX ADLINK-PCIE-GIEIMX Datasheet
162Kb / 2P
   Intel Movidius Myriad based GigE AI Frame Grabber
logo
Bourns Electronic Solut...
CR0603-FX-1001-ELF BOURNS-CR0603-FX-1001-ELF Datasheet
218Kb / 5P
   Suitable for all types of soldering processes
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com