Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C9547 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # C9547
Description  HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C9547 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  C9547 Datasheet HTML 1Page - Hamamatsu Corporation C9547 Datasheet HTML 2Page - Hamamatsu Corporation C9547 Datasheet HTML 3Page - Hamamatsu Corporation C9547 Datasheet HTML 4Page - Hamamatsu Corporation C9547 Datasheet HTML 5Page - Hamamatsu Corporation C9547 Datasheet HTML 6Page - Hamamatsu Corporation C9547 Datasheet HTML 7Page - Hamamatsu Corporation C9547 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAPPC0109ED
GC9016-2x Series
SETUP EXAMPLE WITH OPTICAL ACCESSORIES
IEEE1394
EIA-644 (VDS)
Camera Link
IMAGE INTENSIFIER UNIT
Operation
Gain Control
Connection
D C/Gate
DC
Gate
Remote Controller
PC
PC
1 2 3
1 2 4 5
1 2 3 4 5
2: 1 RELAY LENS
A2098
DIGITAL CCD CAMERA
CCD CAMERA WITH
FIBER OPTIC WINDOW
C9018, -01
AC ADAPTER
CAMERA CABLE
A5963 SERIES
POWER SUPPLY
PC5
(USB)
AC100 V to 240 V
3: 2 RELAY LENS
A5309
CCD CAMERA
(1/2 INCHES)
RELAY LENS
ADAPTER
A9017
VIDEO OUTPUT
(EIA, CCIR)
HEAD
C9016-2x SERIES
AC CABLE2
AC ADAPTER1
REMOTE CONTROLLER3
USB CABLE 5 m4
CD-ROM
CONTROL
SOFTWARE
GATE INPUT
AC100 V to 240 V
IMAGE INTENSIFIER UNIT (C9016-2x SERIES)
ACCESSORIES (SOLD SEPARATELY)
MICROSCOPE
C-MOUNT
ATTACHMENT
FOR MICROSCOPE
OBJECTIVE LENS
WITH C-MOUNT
CONNECTING ITEMS
The recommended connecting items are follows. It
dependson on the operation mode and the gain
control method.


Similar Part No. - C9547

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C9548 HAMAMATSU-C9548_15 Datasheet
397Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
More results

Similar Description - C9547

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10880-03C HAMAMATSU-C10880-03C_15 Datasheet
465Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
C9548 HAMAMATSU-C9548_15 Datasheet
397Kb / 4P
   HIGH-SPEED GATED IMAGE INTENSIFIER UNITS
V12841D-G130 HAMAMATSU-V12841D-G130_15 Datasheet
128Kb / 2P
   PROXIMITY FOCUSED IMAGE INTENSIFIER
logo
Cypress Semiconductor
CYIL2SM1300AA CYPRESS-CYIL2SM1300AA_09 Datasheet
2Mb / 41P
   High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A_15 Datasheet
773Kb / 44P
   High Speed CMOS Image Sensor
July, 2015 ??Rev. 11
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300_09 Datasheet
948Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOM02A6-AW49G ONSEMI-NOM02A6-AW49G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
June, 2010 ??Rev. 0
logo
Cypress Semiconductor
CYIL1SM1300AA-GDC CYPRESS-CYIL1SM1300AA-GDC Datasheet
952Kb / 32P
   1.3MPxl High Speed CMOS Image Sensor
logo
ON Semiconductor
NOIL2SM1300A ONSEMI-NOIL2SM1300A Datasheet
765Kb / 44P
   LUPA1300-2: High Speed CMOS Image Sensor
June, 2014 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com