Electronic Components Datasheet Search |
|
C9252DK-14 Datasheet(PDF) 6 Page - Hamamatsu Corporation |
|
C9252DK-14 Datasheet(HTML) 6 Page - Hamamatsu Corporation |
6 / 9 page Flat panel sensor C9252DK-14 VIDEO OUTPUT (13-BIT DIGITAL) Vsync, Hsync, Pclk IntExt ExtTrg FRAME GRABBER MONITOR PC/AT (REAR VIEW) C9252DK-14 X-RAY SOURCE OBJECT OS + IMAGE ACQUISITION SOFTWARE VOLTAGE SOURCE [A.vdd, D.vdd] 6 Table 3: Power supply pin assignment and cable color Pin No. Signal Cable color Mark color Pin No. Signal Cable color Mark color 1 No connection Brown - 14 No connection Red - 2 No connection Orange - 15 A5. GND Yellow - 3 A5. GND Green - 16 A5. GND Blue - 4 A. +5 V Purple - 17 A. +5 V Gray - 5 A. +5 V White - 18 D. GND Black - 6 D. GND Brown White 19 D. GND Red White 7 D. +5 V Orange White 20 D. +5 V Yellow White 8 D. +5 V Green White 21 Reserved - - 9 Reserved - - 22 Reserved - - 10 Reserved - - 23 Reserved - - 11 Reserved - - 24 Reserved - - 12 Reserved - - 25 Reserved - - 13 Reserved - - 25-pin receptacle: DB-25PF-N made by Japan Aviation Electronics Industry, Ltd. Mating plug: DB-25SF-N made by Japan Aviation Electronics Industry, Ltd. Table 4: External trigger pin assignment and cable color Pin No. Color Signal 1 Red ExtTrgLemo 2 Black GND 2-pin receptacle: ECP.0S.302.CLL made by LEMO S.A. Mating plug: FFA.0S.302.CLAC37 made by LEMO S.A. KACCC0382EA s Connection Install the digital frame grabber board into the PC by the manufacture’s instructions. When a general-purpose frame grabber board is used, trigger operation for IntExt and ExtTrg can be controlled with its digital I/O control. |
Similar Part No. - C9252DK-14 |
|
Similar Description - C9252DK-14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |