Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS622 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPS622
Description  Silicon NPN Epitaxial Planar
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS622 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPS622 Datasheet HTML 1Page - Toshiba Semiconductor TPS622 Datasheet HTML 2Page - Toshiba Semiconductor TPS622 Datasheet HTML 3Page - Toshiba Semiconductor TPS622 Datasheet HTML 4Page - Toshiba Semiconductor TPS622 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TPS622(F)
2007-10-01
4
Load Resistance RL (kΩ)
Ambient Temperature Ta (°C)
Switching Characteristics
(saturated operation)
(typ.)
10000
5000
3000
1000
500
300
100
50
30
10
5
3
1
1
3
10
30
100
tf
ts
tr
td
Ta = 25°C
LED : TLN117
VCC = 5V
VOUT ≧ 4.6V
Relative IL – Ta
(typ.)
2.0
0
-20
0
20
40
60
80
0.4
0.8
1.2
1.6
E = 0.1mW/cm2
VCE = 3V
Switching Time Test Circuit
VOUT
VCC
RL
IF
IF
VOUT
td
tr
ts
tf
10%
90%
ID(ICEO) – Ta
(typ.)
Ambient Temperature Ta (°C)
0
100
10
10
-4
1
10
-1
10
-2
10
-3
20
40
60
80
VCE = 24V
5
Coupling Characteristics
with TLN117(F)
Distance d (mm)
3
5
50
0.1
0.3 0.5
0
10
30
50
0.1
0.3
0.5
1
3
5
10
30
2
1
TLN117(F) IE = 4mW/sr
Ta = 25°C
TPS622(F): IL = 100 μA
at E = 0.1mW/cm
2
TLN117(F)
3V
d
IC


Similar Part No. - TPS622

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS622 TOSHIBA-TPS622 Datasheet
216Kb / 4P
   TOSHIBA PHOTO TRNSISTOR SILICON NPN EPITAXIAL PLANAR
TPS622 TOSHIBA-TPS622 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Texas Instruments
TPS62200 TI-TPS62200 Datasheet
291Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI-TPS62200 Datasheet
264Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
TPS62200 TI1-TPS62200 Datasheet
905Kb / 24P
[Old version datasheet]   HIGH-EFFICIENCY, SOT23 STEP-DOWN, DC-DC CONVERTER
More results

Similar Description - TPS622

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1907 HITACHI-2SC1907 Datasheet
39Kb / 7P
   Silicon NPN Epitaxial Planar
2SC2776 HITACHI-2SC2776 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC460 HITACHI-2SC460 Datasheet
51Kb / 13P
   Silicon NPN Epitaxial Planar
logo
Renesas Technology Corp
2SC1907 RENESAS-2SC1907 Datasheet
164Kb / 6P
   Silicon NPN Epitaxial Planar
2SC5852 RENESAS-2SC5852 Datasheet
88Kb / 6P
   Silicon NPN Epitaxial Planar
logo
Guangdong Kexin Industr...
2SC3930 KEXIN-2SC3930 Datasheet
45Kb / 1P
   Silicon NPN Epitaxial Planar
logo
Hitachi Semiconductor
2SC1906 HITACHI-2SC1906 Datasheet
45Kb / 8P
   Silicon NPN Epitaxial Planar
2SC2620 HITACHI-2SC2620 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC3391 HITACHI-2SC3391 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial Planar
2SC4693 HITACHI-2SC4693 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial Planar
logo
List of Unclassifed Man...
2SC1377 ETC-2SC1377 Datasheet
160Kb / 3P
   SILICON NPN EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com