Electronic Components Datasheet Search |
|
4117UZ109VDC1.2 Datasheet(PDF) 3 Page - DB Lectro Inc |
|
4117UZ109VDC1.2 Datasheet(HTML) 3 Page - DB Lectro Inc |
3 / 3 page Superminiature, heavy power. Low coil power consumption. Switching current up to 20A. PC board mounting. Suitable for household appliances, electrical equipment, automation system, and automobile industry application. 4117 C S 10 12VDC 1.0 1 2 3 4 5 6 Ordering Information 4 Contact Current 10:10A 20:20A 5 Coil rated Voltage(V) DC:3,5,6,9,12,18,24 6 Coil power consumption 1.0:1.0W 1.2:1.2W Contact Data Coil Parameter 1 Part number 4117 2 Contact arrangement A:1A C:1C U:IU W:1W 3 Enclosure S: Sealed type Z: Dust cover O: Open type CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.Pickup and release voltage are for test purposes only and are not to be used as design criteria. Dash numbers Coil voltage VDC Rated Max. Coil resistance 10% Pickup voltage VDC(max) (75%of rated voltage ) Release voltage VDC(min) (10% of rated voltage) Coil power consumption W Operate Time ms Release Time ms 4117 Contact Arrangement 1A SPSTNO 1C SPDT(B-M) 1U SPSTNODM 1W SPDTNC-NO Contact Material AgSnO 2 Contact Rating (resistive) 1A 1C: 10A/120VAC,28VDC 20A/14VDC ; 1U: 2 10A/120VAC,28VDC 2 20A/14VDC ; 1W: 2 10A/120VAC,28VDC 2 20A/14VDC Max. Switching Power 1C: 280W 1200VA 1W: 2 280W 2 1200VA Max. Switching Voltage 75VDC 380VAC Max. Switching Current:20A Contact Resistance or Voltage drop 50m Item 3.12 of IEC255-7 5 Operation Electrical 10 Item 3.30 of IEC255-7 7 life Mechanical 10 Item 3.31 of IEC255-7 003-1000 3 3.9 9 2.25 0.3 005-1000 5 6.5 25 3.75 0.5 006-1000 6 7.8 36 4.50 0.6 009-1000 9 11.7 85 6.75 0.9 1.0 10 5 012-1000 12 15.6 145 9.00 1.2 018-1000 18 23.4 324 13.5 1.8 024-1000 24 31.2 576 18.0 2.4 012-1200 12 15.6 120 9.00 1.2 1.2 10 5 Features Open Type Dust Covered 13.2 15.3 18 17.5 15 20 129 Operation condition Qualification inspection: Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. Dimensions NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only. Reference Data 50Hz 750V Item 6 of IEC255-5 50Hz 1500V Item 6 of IEC255-5 Dimensions Mounting (Bottom view) Wiring diagram (Bottom view) Insulation Resistance 100M min (at 500VDC) Item 7 of IEC255-5 Dielectric Strength Between contacts Between contact and coil 2 Shock resistance 100m/s 11ms IEC68-2-27 Test Ea Vibration resistance 10~40Hz double amplitude 1.27mm IEC68-2-6 Test Fc Terminals strength 10N IEC68-2-21 Test Ua1 Solderability 235 2 3 0.5s IEC68-2-20 Test Ta method 1 Ambient Temperature -40~105 Relative Humidity 85% (at 40 ) IEC68-2-3Test Ca Mass 9g (Open type) 12g 4117 12 10 8 6 4 2 15max. 17.5max. mm /inch 0.400 0.051 0.200 0.591max. 0.689max. 0.024 0.031 0.031 0.020 0.039 0.083 0.602max. 0.620max. 4-0.5 0.8 Ningbo Huaguan Relay Corporation LTD. 7 15.3(max.) 13.2(max.) |
Similar Part No. - 4117UZ109VDC1.2 |
|
Similar Description - 4117UZ109VDC1.2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |