Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS842A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPS842A
Description  Silicon Epitaxial Planar
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPS842A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPS842A Datasheet HTML 1Page - Toshiba Semiconductor TPS842A Datasheet HTML 2Page - Toshiba Semiconductor TPS842A Datasheet HTML 3Page - Toshiba Semiconductor TPS842A Datasheet HTML 4Page - Toshiba Semiconductor TPS842A Datasheet HTML 5Page - Toshiba Semiconductor TPS842A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TPS842A(F),TPS844(F)
2007-10-01
5
0
1
4
100
6
10
10
tpHL
VCC = 3.3 V
RL = 10 kΩ
Ta
= 25°C
8
5
3
2
9
7
1
tpLH
tpLH, tpHL – E/EHL
(typ.)
Threshold radiant incidence ratio E/EHL
Spectral response
(typ.)
wavelength
λ (nm)
0.01
0.1
1
10
VCC = 3.3 V
Ta
= 25°C
E
= 2 mW/cm2
0.1
1
tr
10
tf
100
tr, tf – RL
(typ.)
Directional sensitivity characteristic
(typ.)
Load resistance RL (kΩ)
Relative sensitivity


Similar Part No. - TPS842A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS842A TOSHIBA-TPS842A Datasheet
255Kb / 6P
   TPS842A
More results

Similar Description - TPS842A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UMZ1N SECOS-UMZ1N Datasheet
1Mb / 4P
   Silicon Epitaxial Planar
logo
Toshiba Semiconductor
TPS816F TOSHIBA-TPS816F_07 Datasheet
173Kb / 6P
   Silicon Epitaxial Planar
logo
SEMTECH ELECTRONICS LTD...
1SS77WS SEMTECH_ELEC-1SS77WS Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
SeCoS Halbleitertechnol...
EMZ1 SECOS-EMZ1 Datasheet
1Mb / 4P
   Silicon Epitaxial Planar
logo
Hitachi Semiconductor
2SC641K HITACHI-2SC641K Datasheet
626Kb / 3P
   SILICON EPITAXIAL PLANAR
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820_07 Datasheet
160Kb / 5P
   Silicon Epitaxial Planar
TPS852 TOSHIBA-TPS852 Datasheet
247Kb / 12P
   Silicon Epitaxial Planar
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS851 TOSHIBA-TPS851_07 Datasheet
272Kb / 12P
   Silicon Epitaxial Planar
logo
Panasonic Semiconductor
2SA963 PANASONIC-2SA963 Datasheet
109Kb / 3P
   SILICON EPITAXIAL PLANAR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com