Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C10082CA Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # C10082CA
Description  Mini-spectrometer TM series High sensitivity type (integrated with back-thinned type CCD image sensor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10082CA Datasheet(HTML) 4 Page - Hamamatsu Corporation

  C10082CA Datasheet HTML 1Page - Hamamatsu Corporation C10082CA Datasheet HTML 2Page - Hamamatsu Corporation C10082CA Datasheet HTML 3Page - Hamamatsu Corporation C10082CA Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Mini-spectrometer TM series
C10082CA, C10082CAH, C10083CA, C10083CAH
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2007 Hamamatsu Photonics K.K.
Cat. No. KACC1126E02
Oct. 2007 DN
4
s Accessories
· USB cable
· Dedicated software (sample software, device driver, DLL)
· AC adapter (for power supply)
s Options (sold separately)
Optical fibers for light input
Type. No
Product name
Core diameter (µm)
Specification
A9762-01
Fiber for UV/visible range
(resistance to UV)
600
N.A.=0.22, length 1.5 m,
connectorized SMA905D at both ends
CMOS linear
image sensor
Type No.
Type
Image sensor
Spectral response range (nm)
C9409MA
RC-VIS-MOS
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
OEM model
9
340 to 780
Spectral resolution
Max.
(nm)
Type No.
Type
Spectral resolution
Max.
(nm)
Image sensor
Spectral response range (nm)
C10082CA
C10082CAH
C10082MD
C10083CA
C10083CAH
C10083MD
C9404CA
C9404CAH
C9404MC
C9405CA
C9405MC
C9406GC
C9913GC
C9914GB
TM-UV/VIS-CCD
TM-VIS/NIR-CCD
TM-VIS/NIR-CCD
TM-VIS/NIR-MOS
TG-UV-CCD
TG-UV-MOS
TM-UV/VIS-CCD
TM-UV/VIS-MOS
High sensitivity
TG-SWNIR-CCD
TG-SWNIR-MOS
TG-cooled NIR-I
TG-NIR
TG-UV-CCD
TG-cooled NIR-II
6
6
8
(
λ=320 to 900 nm)
(
λ=320 to 900 nm)
(
λ=550 to 900 nm)
(
λ=550 to 1100 nm)
8
3
3
5
5
7
7
8
1*
1*
1*
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
Back-thinned type
CCD image sensor
CMOS linear
image sensor
CMOS linear
image sensor
CMOS linear
image sensor
NMOS linear
image sensor
InGaAs
linear
image sensor
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
* Typ.
1100 to 2200
900 to 1700
500 to 1100
320 to 1000
200 to 400
200 to 800
n Mini-spectrometer line-up
Non-cooled type
Low noise (cooled type)
Low noise (cooled type)
High resolution
Wide dynamic range
High resolution
Wide dynamic range
High sensitivity
High resolution
Wide dynamic range
Wide dynamic range
High sensitivity
High sensitivity
C9407MA
RC-VIS-MOS
Spectrometer module
340 to 780
CMOS linear
image sensor
9
Spectrometer head


Similar Part No. - C10082CA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
   Mini-spectrometers
More results

Similar Description - C10082CA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9037 HAMAMATSU-S9037 Datasheet
182Kb / 9P
   CCD image sensor High-speed operation, back-thinned FFT-CCD
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
S10200-02 HAMAMATSU-S10200-02 Datasheet
232Kb / 11P
   Back-thinned TDI-CCD Operating the back-thinned CCD in TDI mode delivers high sensitivity.
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com