Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP1962C10BXBG Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TMP1962C10BXBG
Description  32-Bit RISC Microprocessor
Download  459 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP1962C10BXBG Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TMP1962C10BXBG Datasheet HTML 7Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 8Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 9Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 10Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 11Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 12Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 13Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 14Page - Toshiba Semiconductor TMP1962C10BXBG Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 459 page
background image
TMP1962C10BXBG
2006-02-21
TMP1962-11
Table 2.2 Pin Names and Functions (4/6)
Pin Name
Number
of Pins
Type
Function
PE0
TXD5
1
Input/Output
Output
Port E0: Programmable as input or output
Serial Transmit Data 5: Programmable as a push-pull or open-drain output
PE1
RXD5
1
Input/Output
Input
Port E1: Programmable as input or output
Serial Receive Data 5
PE2
SCLK5
5
CTS
1
Input/Output
Input
Input
Port E2: Programmable as input or output
Serial Clock Input/Output 5
Serial Clear-to-Send 5: Programmable as a push-pull or open-drain output
PE3
KEY9
1
Input/Output
Input
Port E3: Programmable as input or output
Key-Pressed Wake-up Input 9 (with internal pull-up resistor): Dynamic pull-up
selectable
Schmitt-triggered input
PE4
KEYA
1
Input/Output
Input
Port E4: Programmable as input or output
Key-Pressed Wake-up Input A (with internal pull-up resistor): Dynamic pull-up
selectable
Schmitt-triggered input
PE5
KEYB
1
Input/Output
Input
Port E5: Programmable as input or output
Key-Pressed Wake-up Input B (with internal pull-up resistor): Dynamic pull-up
selectable
Schmitt-triggered input
PE6
KEYC
1
Input/Output
Input
Port E6: Programmable as input or output
Key-Pressed Wake-up Input C (with internal pull-up resistor): Dynamic pull-up
selectable
Schmitt-triggered input
PE7
KEYD
1
Input/Output
Input
Port E7: Programmable as input or output
Key-Pressed Wake-up Input D (with internal pull-up resistor): Dynamic pull-up
selectable
Schmitt-triggered input
PF0
SO
SDA
1
Input/Output
Output
Input/Output
Port F0: Programmable as input or output
Data transmit pin when the Serial Bus Interface is in SIO mode
Data transmit/receive pin when the Serial Bus Interface is in I2C mode
Programmable as a push-pull or open-drain output
Schmitt-triggered input
PF1
SI
SCL
1
Input/Output
Input
Input/Output
Port F1: Programmable as input or output
Data receive pin when the Serial Bus Interface is in SIO mode
Clock input/output pin when the Serial Bus Interface is in I2C mode
Programmable as a push-pull or open-drain output
Schmitt-triggered input
PF2
SCK
1
Input/Output
Input/Output
Port F2: Programmable as input or output
Clock input/output pin when the Serial Bus Interface is in SIO mode
PF3
2
DREQ
1
Input/Output
Input
Port F3: Programmable as input or output
DMA Request 2: Asserted by an external input/output device to request DMA transfer
with DMAC2
PF4
2
DACK
1
Input/Output
Output
Port F4: Programmable as input or output
DMA Acknowledge 2: Indicates acknowledgement for a DMA transfer request made
with DREQ2
PF5
3
DREQ
1
Input/Output
Input
Port F5: Programmable as input or output
DMA Request 3: Asserted by an external input/output device to request DMA transfer
with DMAC3
PF6
3
DACK
1
Input/Output
Output
Port F6: Programmable as input or output
DMA Acknowledge 3: Indicates acknowledgement for a DMA transfer request made
with DREQ3
PF7
TBTIN
1
Input/Output
Input
Port F7: Programmable as input or output
32-Bit Time Base Timer Input: Count input to the 32-bit time base timer
PG0 - PG7
TC0IN - TC7IN
8
Input/Output
Input
Port G: Individually programmable as input or output
32-Bit Timer Capture Trigger Input
PH0 - PH7
TCOUT0
- TCOUT7
8
Input/Output
Output
Port H: Individually programmable as input or output
32-Bit Timer Compare Match Output
PJ0
INT0
1
Input/Output
Input
Port J0: Programmable as input or output
Interrupt Request 0: Programmable to be high-level, low-level, rising-edge or
falling-edge sensitive
Schmitt-triggered input


Similar Part No. - TMP1962C10BXBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
More results

Similar Description - TMP1962C10BXBG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP19A43FD TOSHIBA-TMP19A43FD Datasheet
1Mb / 105P
   32-bit RISC Microprocessor
TMP1962F10AXBG TOSHIBA-TMP1962F10AXBG Datasheet
3Mb / 108P
   32-Bit RISC Microprocessor
TMPR3922AU TOSHIBA-TMPR3922AU Datasheet
253Kb / 45P
   32-bit RISC Microprocessor
TMP19A64C1DXBG TOSHIBA-TMP19A64C1DXBG Datasheet
6Mb / 460P
   32-bit RISC Microprocessor
TMP19A43CD TOSHIBA-TMP19A43CD Datasheet
12Mb / 523P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
UM_S3C2501X SAMSUNG-UM_S3C2501X Datasheet
1Mb / 465P
   32-BIT RISC MICROPROCESSOR
S3C24A0A SAMSUNG-S3C24A0A Datasheet
4Mb / 519P
   32-BIT RISC MICROPROCESSOR
logo
Toshiba Semiconductor
TMP19A71CYFG TOSHIBA-TMP19A71CYFG Datasheet
14Mb / 402P
   32-Bit RISC Microprocessor
TMP19A64F20AXBG TOSHIBA-TMP19A64F20AXBG Datasheet
2Mb / 64P
   32-bit RISC Microprocessor
logo
Samsung semiconductor
S3C2800 SAMSUNG-S3C2800 Datasheet
119Kb / 22P
   32-BIT RISC MICROPROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com