Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP88PS38FG Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TMP88PS38FG
Description  CMOS 8-Bit Microcontroller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP88PS38FG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TMP88PS38FG Datasheet HTML 2Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 3Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 4Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 5Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 6Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 7Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 8Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 9Page - Toshiba Semiconductor TMP88PS38FG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TMP88PS38
2005-05-18
88PS38-6
Pin Name
(EPROM mode)
Input/Output
Function
Pin Name (MCU mode)
A16
P60
A15 to A8
P35, P63 to P61, P67 to P64
A7 to A0
Input
PROM address inputs
P57 to P50
D7 to D0
I/O
PROM data inputs/outputs
P47 to p40
CE
Chip enable signal input (Active low)
P32
OE
Output enable signal input (Active low)
P33
PGM
Input
Program mode signal input
P30
VPP
+12.75 V/5 V (Program supply voltage)
TEST
VCC
+6.25 V/5 V
VDD, OVDD
GND
Power supply
0 V
VSS, VVSS, OVSS
P70
PROM mode setting pin. Be fixed at high level.
P71, P20, P31, P34
PROM mode setting pin. Be fixed at low level.
RESET
Input
PROM mode setting pin. Be fixed at low level.
XIN
Input
XOUT
Output
Connect an 8 MHz oscillator to stabilize the state.
N.C.
Open
Open
PROM programmer connection adaptor socket: BM11174A for TMP88PS38NG
BM11175A for TMP88PS38FG


Similar Part No. - TMP88PS38FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP88PS38B TOSHIBA-TMP88PS38B Datasheet
335Kb / 20P
   CMOS 8-Bit Microcontroller
TMP88PS38BFG TOSHIBA-TMP88PS38BFG Datasheet
335Kb / 20P
   CMOS 8-Bit Microcontroller
TMP88PS38BNG TOSHIBA-TMP88PS38BNG Datasheet
335Kb / 20P
   CMOS 8-Bit Microcontroller
More results

Similar Description - TMP88PS38FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com