Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L02-W Datasheet(PDF) 7 Page - Rohm

Part # BR24L02-W
Description  I2C BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L02-W Datasheet(HTML) 7 Page - Rohm

Back Button BR24L02-W Datasheet HTML 3Page - Rohm BR24L02-W Datasheet HTML 4Page - Rohm BR24L02-W Datasheet HTML 5Page - Rohm BR24L02-W Datasheet HTML 6Page - Rohm BR24L02-W Datasheet HTML 7Page - Rohm BR24L02-W Datasheet HTML 8Page - Rohm BR24L02-W Datasheet HTML 9Page - Rohm BR24L02-W Datasheet HTML 10Page - Rohm BR24L02-W Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/16
Command
SDA
LINE
S
T
A
R
T
SLAVE
ADDRESS
10
0
1
R
/
W
W
R
I
T
E
A
C
K
A
C
K
D7
DATA
D0
S
T
O
P
Fig.36 Byte write cycle (BR24L01A/02/04/08/16-W)
A
C
K
WORD
ADDRESS
WA
0
WA
7
*1
*1
A0
A1
A2
*1 As for WA7, BR24L01A-W becomes Don't Care.
*1 As for WA12, BR24L32-W becomes Don't care.
*1 As for WA7, BR24L01A-W becomes Don't care.
*2 As for BR24L01A/L02-W becomes (n+7).
*1 As for WA12, BR24L32-W becomes Don't care.
*1 In BR24L16-W, A2 becomes P2.
*2 In BR24L08-W, BR24L16-W, A1 becomes P1.
*3 In BR24L04-W, A0 becomes PS, and in BR24L08-W
and BR24L16-W, A0 becomes P0.
Note)
Note)
Note)
Fig.37 Byte write cycle (BR24L32/64-W)
SDA
LINE
S
T
A
R
T
SLAVE
ADDRESS
10
0
1
R
/
W
W
R
I
T
E
A
C
K
A
C
K
D7
DATA
D0
S
T
O
P
A
C
K
1st WORD
ADDRESS
2nd WORD
ADDRESS
A
C
K
WA
0
WA
11
WA
12
***
A0
A1
A2
*1
*1
*2
Fig.38 Page write cycle (BR24L01A/02/04/08/16-W)
SDA
LINE
S
T
A
R
T
SLAVE
ADDRESS
10
0
1
R
/
W
W
R
I
T
E
A
C
K
A
C
K
A
C
K
D7
DATA (n)
D0
DATA (n+15)
D0
S
T
O
P
A
C
K
WORD
ADDRESS (n)
WA
0
WA
7
A0
A1
A2
Fig.39 Page write cycle (BR24L32/64-W)
Fig.40 Difference of slave address of each type
SDA
LINE
S
T
A
R
T
SLAVE
ADDRESS
10
0
1
R
/
W
W
R
I
T
E
A
C
K
A
C
K
A
C
K
D7
DATA (n)
D0
DATA (n+31)
D0
S
T
O
P
A
C
K
1st WORD
ADDRESS (n)
2nd WORD
ADDRESS (n)
A
C
K
WA
0
WA
11
WA
12
***
A0
A1
A2
10 10 A2A1A0
* 1 * 2 * 3
Note)
Note)
Write cycle
Arbitrary data is written to EEPROM. When to write only 1 byte, byte write is normally used, and when to write continuous
data of 2 bytes or more, simultaneous write is possible by page write cycle. The maximum number of write bytes is specified
per device of each capacity.
Up to 32 arbitrary bytes can be written. (In the case of BR24L32 / L64-W)
Data is written to the address designated by word address (n-th address).
By issuing stop bit after 8bit data input, write to memory cell inside starts.
When internal write is started, command is not accepted for tWR (5ms at maximum).
By page write cycle, the following can be written in bulk: Up to 8 bytes (BR24L01A-W, BR24L02-W)
Up to 16 bytes (BR24L04-W, BR24L08-W, BR24L16-W)
Up to 32 bytes (BR 24L32-W, BR24L64-W)
And when data of the maximum bytes or higher is sent, data from the first byte is overwritten.
(Refer to "Internal address increment" of "Notes on page write cycle" in P8/16.)
As for page write cycle of BR24L01A-W and BR24L02-W, after the significant 5 bits (4 significant bits in BR24L01-W) of word
address are designated arbitrarily, and as for page write command of BR24L04-W, BR24L08-W, and BR24L16-W, after page
select bit (PS) of slave address is designated arbitrarily, by continuing data input of 2 bytes or more, the address of
insignificant 4 bits (insignificant 3 bits in BR24L01A-W, and BR24L02-W) is incremented internally, and data up to 16 bytes (up
to 8 bytes in BR24L01A-W and BR24L02-W) can be written.
As for page write cycle of BR24L32-W and BR24L64-W, after the significant 7 bits (in the case of BR24L32-W) of word
address, or the significant 8 bits (in the case of BR24L64-W) of word address are designated arbitrarily, by continuing data
input of 2 bytes or more, the address of insignificant 5 bits is incremented internally, and data up to 32 bytes can be written.


Similar Part No. - BR24L02-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L02-W ROHM-BR24L02-W Datasheet
391Kb / 26P
   256x8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
315Kb / 6P
   IC BUS 2Kbit (256 x 8bit) EEPROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24L02-W ROHM-BR24L02-W Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L02-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24LXX-W ROHM-BR24LXX-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com