Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L04-W Datasheet(PDF) 11 Page - Rohm

Part # BR24L04-W
Description  I2C BUS Serial EEPROMs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L04-W Datasheet(HTML) 11 Page - Rohm

Back Button BR24L04-W Datasheet HTML 7Page - Rohm BR24L04-W Datasheet HTML 8Page - Rohm BR24L04-W Datasheet HTML 9Page - Rohm BR24L04-W Datasheet HTML 10Page - Rohm BR24L04-W Datasheet HTML 11Page - Rohm BR24L04-W Datasheet HTML 12Page - Rohm BR24L04-W Datasheet HTML 13Page - Rohm BR24L04-W Datasheet HTML 14Page - Rohm BR24L04-W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
WP valid timing (write cancel)
Command cancel by start condition and stop condition
S
T
A
R
T
A
C
K
L
A
C
K
L
A
C
K
L
A
C
K
L
S
T
O
P
Slave
address
Word
address
Data
D7 D6 D5 D4 D3 D2 D1 D0
SDA
WP
tWR
WP cancel invalid area
WP cancel valid area
Data is not written.
Write forced end
Data not guaranteed
SCL
SDA
D1
D0
ACK
Enlarged view
Rise of D0 taken clock
SCL
SDA
D0
ACK
Enlarged view
Rise of SDA
Fig.50 WP valid timing
Fig.51 Case of cancel by start, stop condition during slave address input
11
00
SCL
SDA
Start condition
Stop condition
During command input, by continuously inputting start condition and stop condition, command can be cancelled. (Refer to Fig. 51.)
However, in ACK output area and during data read, SDA bus may output "L", and in this case, start condition and stop condition cannot
be input, so reset is not available. Therefore, execute software reset. And when command is cancelled by start, stop condition, during
random read cycle, sequential read cycle, or current read cycle, internal setting address is not determined, therefore, it is not possible to
carry out current read cycle in succession. When to carry out read cycle in succession, carry out random read cycle.
WP is usually fixed to "H" or "L", but when WP is used to cancel write cycle and so forth, pay attention to the following WP valid timing.
During write cycle execution, in cancel valid area, by setting WP = "H", write cycle can be cancelled. In both byte write cycle and page
write cycle, the area from the first start condition of command to the rise of clock to taken in D0 of data (in page write cycle, the first byte
data) is cancel invalid area.
WP input in this area becomes Don't care. Set the setup time to rise of D0 taken SCL 100ns or more. The area from the rise of SCL to
take in D0 to the end of internal automatic write (tWR) is cancel valid area. And, when it is set WP = "H" during tWR, write is ended
forcibly, data of address under access is not guaranteed, therefore, write it once again. (Refer to Fig. 50.) After execution of forced end by
WP, standby status gets in, so there is no need to wait for tWR (5ms at maximum).


Similar Part No. - BR24L04-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24L04-W ROHM-BR24L04-W Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L04-W ROHM-BR24L04-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L04-W ROHM-BR24L04-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L04-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24LXX-W ROHM-BR24LXX-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_08 Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L160F-WE2 ROHM-BR25L160F-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L080FVT-WE2 ROHM-BR25L080FVT-WE2 Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L010-W ROHM-BR25L010-W_10 Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com