Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR34L02-W Datasheet(PDF) 11 Page - Rohm

Part # BR34L02-W
Description  2Kbit Serial I2C BUS EEPROM For SPD DRAM Memory Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR34L02-W Datasheet(HTML) 11 Page - Rohm

Back Button BR34L02-W Datasheet HTML 7Page - Rohm BR34L02-W Datasheet HTML 8Page - Rohm BR34L02-W Datasheet HTML 9Page - Rohm BR34L02-W Datasheet HTML 10Page - Rohm BR34L02-W Datasheet HTML 11Page - Rohm BR34L02-W Datasheet HTML 12Page - Rohm BR34L02-W Datasheet HTML 13Page - Rohm BR34L02-W Datasheet HTML 14Page - Rohm BR34L02-W Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/16
AN ENLARGEMENT
・The rising edge
of SDA
WP cancellation
effective period
WP EFFECTIVE TIMING
WP is fixed to "H" or "L" usually . But in case of controlling WP to cancel the write command, please pay attention to “WP
effective timing” as follows.
During write command input , write command is canceled by controlling WP "H" within the WP cancellation effective
period.
The period from the start condition to the rising edge of the clock which take in DO of the data (the first byte of the data for
Page Write) is the cancellation invalid period. WP input is don't care during the period. Setup time for rising edge of the
SCL which takes in DO must be more than 100ns.
The period from the rising edge of SCL which takes in DO to the end of internal write cycle (tWR) is the cancellation
effective period. In case of setting WP to "H" during tWR, WRITE operation is stopped in the middle and the data of
accessing address is not guaranteed, so that write correct data again please.
It is not necessary waiting tWR (5msMax.) after stopping command by WP, because the device is standby state.
COMMAND CANCELLATION BY START AND STOP CONDITION
During a command input, it is canceled by the successive inputs of start condition and stop condition.(Fig.42)
But during ACK or data output, the device may output the SDA line LOW. In such cases, operation of start and stop
condition is impossible, so that the reset can't work. Execute the software reset in the cases. (Fig.39)
Operating the command cancel by start and stop condition during the command of Random Read or Sequential Read or
Current Read, internal address counter is not confirmed.
Therefore operation of Current Read after this is not valid. Operate a Random Read in this case.
The rising edge of the clock
which take in DO
SCL
D0
ACK
AN ENLARGEMENT
SCL
SDA
ACK
D0
SDA
WP
WP cancellation
invalid period
Data is not
guaranteed
No data will be written
Stop of the write
operation
Fig.41 WP EFFECTIVE TIMING
SLAVE
ADDRESS
D7 D6 D5 D4 D3 D2 D1 D0
DATA
tWR
SDA
D1
S
T
A
R
T
A
C
K
L
A
C
K
L
A
C
K
L
A
C
K
L
S
T
O
P
WORD
ADDRESS
Fig.42 COMMAND CANCELLATION BY START AND STOP CONDITION DURING
THE INPUT OF SLAVE ADDRESS
SCL
SDA
1
1
0
0
START
CONDITION
STOP
CONDITION


Similar Part No. - BR34L02-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
BR34L02FV-WE2 ROHM-BR34L02FV-WE2 Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
BR34L02FV-W ROHM-BR34L02FV-W_09 Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
More results

Similar Description - BR34L02-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU99022NUX-3 ROHM-BU99022NUX-3 Datasheet
585Kb / 26P
   I2C BUS 2kbit 2kbit 2ports serial EEPROM
logo
E-CMOS Corporation
EC24C02B E-CMOS-EC24C02B Datasheet
1Mb / 17P
   2Kbit I2C SERIAL EEPROM
logo
STMicroelectronics
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
logo
Asahi Kasei Microsystem...
AK6003A AKM-AK6003A Datasheet
148Kb / 17P
   SOFTWARE WRITE PROTECT I2C BUS 2KBIT EEPROM
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_18 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com