Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR34E02NUX-WTR Datasheet(PDF) 3 Page - Rohm

Part # BR34E02NUX-WTR
Description  DDR/DDR2 (For memory module) SPD Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR34E02NUX-WTR Datasheet(HTML) 3 Page - Rohm

  BR34E02NUX-WTR Datasheet HTML 1Page - Rohm BR34E02NUX-WTR Datasheet HTML 2Page - Rohm BR34E02NUX-WTR Datasheet HTML 3Page - Rohm BR34E02NUX-WTR Datasheet HTML 4Page - Rohm BR34E02NUX-WTR Datasheet HTML 5Page - Rohm BR34E02NUX-WTR Datasheet HTML 6Page - Rohm BR34E02NUX-WTR Datasheet HTML 7Page - Rohm BR34E02NUX-WTR Datasheet HTML 8Page - Rohm BR34E02NUX-WTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3/19
SDA
(IN)
SCL
SDA
(OUT)
tHD:STA
tHD:DAT
tSU:DAT
tBUF
tPD
tDH
tLOW
tHIGH
tR
tF
SDA
SCL
tSU:STA
tSU:STO
tHD:STA
START BIT
STOP BIT
SDA
SCL
D0
ACK
STOP
CONDITION
START
CONDITION
tWR
WRITE DATA(n)
Fig.1-(a) Synchronous Data Timing
Fig.1-(b) Start/Stop Bit Timing
Fig.1-(c) Write Cycle Timing
SDA data is latched into the chip at the rising edge
of SCL clock.
Output data toggles at the falling edge of SCL clock.
Fig.1-(d) WP Timing Of The Write Operation
SCL
WP
SCL
WP
Fig.1-(e) WP Timing Of The Write Cancel Operation
For WRITE operation, WP must be "Low" from the rising edge of
the clock (which takes in D0 of first byte) until the end of tWR.
(See Fig.1-(d) ) During this period, WRITE operation can be
canceled by setting WP "High".(See Fig.1-(e))
When WP is set to "High" during tWR, WRITE operation is
immediately ceased, making the data unreliable. It must then
be re-written.
Electrical characteristics - AC(Unless otherwise specified Ta=-40℃~+85℃, VCC =1.7V~3.6V)
FAST-MODE
2.5V≦VCC≦5.5V
STANDARD-MODE
1.7V≦VCC≦5.5V
Parameter
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Clock Frequency
fSCL
400
100
kHz
Data Clock High Period
tHIGH
0.6
4.0
μ
s
Data Clock Low Period
tLOW
1.2
4.7
μ
s
SDA and SCL Rise Time *1
tR
0.3
1.0
μ
s
SDA and SCL Fall Time *1
tF
0.3
0.3
μ
s
Start Condition Hold Time
tHD:STA
0.6
4.0
μ
s
Start Condition Setup Time
tSU:STA
0.6
4.7
μ
s
Input Data Hold Time
tHD:DAT
0
0
ns
Input Data Setup Time
tSU:DAT
100
250
ns
Output Data Delay Time
tPD
0.1
0.9
0.1
3.5
μ
s
Output Data Hold Time
tDH
0.1
0.1
μ
s
Stop Condition Setup Time
tSU:STO
0.6
4.0
μ
s
Bus Free Time
tBUF
1.2
4.7
μ
s
Write Cycle Time
tWR
5
5
ms
Noise Spike Width (SDA
and SCL)
tI
0.1
0.1
μ
s
WP Hold Time
tHD:WP
0
0
ns
WP Setup Time
tSU:WP
0.1
0.1
μ
s
WP High Period
tHIGH:WP
1.0
1.0
μ
s
*1:Not 100% TESTED
Fast / Standard Modes
Fast mode and Standard mode differ only in operation frequency. Operations performed at 100kHz are considered in
"Standard-mode", while those conducted at 400kHz are in "Fast-mode".
Please note that these clock frequencies are maximum values. At lower power supply voltage it is difficult to operate at high
speeds.
The EEPROM can operate at 400kHz, between 2.5V and 3.6V, and at 100kHz from 1.7V-2.5V.
Synchronous Data Timing
tWR
tHIGH : WP
SDA
DATA(n)
HD
WP
STOP BIT
D1
D0
ACK
ACK
DATA(1)
DATA(n)
tSU:WP
tWR
SDA
D0
ACK
ACK
D1
DATA(1)


Similar Part No. - BR34E02NUX-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02NUX-W ROHM-BR34E02NUX-W Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
More results

Similar Description - BR34E02NUX-WTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BR34E02FVT-W ROHM-BR34E02FVT-W_09 Datasheet
484Kb / 19P
   DDR/DDR2 (For memory module) SPD Memory
BR34L02FV-W ROHM-BR34L02FV-W_09 Datasheet
464Kb / 18P
   DDR1/DDR2 For memory module) SPD Memory
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
   Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
NXP Semiconductors
SE97B NXP-SE97B Datasheet
401Kb / 53P
   DDR memory module temp sensor with integrated SPD
Rev. 01-27 January 2010
SE97 NXP-SE97_10 Datasheet
427Kb / 55P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 07-29 January 2010
SE97 NXP-SE97_09 Datasheet
275Kb / 53P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 06-17 August 2009
SE97 NXP-SE97 Datasheet
281Kb / 54P
   DDR memory module temp sensor with integrated SPD, 3.3 V
Rev. 05-6 August 2009
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
   Memory Module Temperature Sensor w/EEPROM for SPD
2009
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2006
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
   Memory Module Temperature Sensor w/ EEPROM for SPD
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com