Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS70SMJ-2 Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # FS70SMJ-2
Description  Nch POWER MOSFET HIGH-SPEED SWITCHING USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

FS70SMJ-2 Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  FS70SMJ-2 Datasheet HTML 1Page - Powerex Power Semiconductors FS70SMJ-2 Datasheet HTML 2Page - Powerex Power Semiconductors FS70SMJ-2 Datasheet HTML 3Page - Powerex Power Semiconductors FS70SMJ-2 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Feb.1999
FS70SMJ-2
OUTLINE DRAWING
Dimensions in mm
TO-3P
MITSUBISHI Nch POWER MOSFET
FS70SMJ-2
HIGH-SPEED SWITCHING USE
APPLICATION
Motor control, Lamp control, Solenoid control
DC-DC converter, etc.
V
V
A
A
A
A
A
W
°C
°C
g
100
±20
70
280
70
70
280
150
–55 ~ +150
–55 ~ +150
4.8
VGS = 0V
VDS = 0V
L = 100
µH
Typical value
Drain-source voltage
Gate-source voltage
Drain current
Drain current (Pulsed)
Avalanche drain current (Pulsed)
Source current
Source current (Pulsed)
Maximum power dissipation
Channel temperature
Storage temperature
Weight
VDSS
VGSS
ID
IDM
IDA
IS
ISM
PD
Tch
Tstg
Symbol
MAXIMUM RATINGS (Tc = 25
°C)
Parameter
Conditions
Ratings
Unit
¡4V DRIVE
¡VDSS ................................................................................ 100V
¡rDS (ON) (MAX) .............................................................. 17m
¡ID ......................................................................................... 70A
¡Integrated Fast Recovery Diode (TYP.) ........... 115ns
15.9MAX.
4.5
1.5
f 3.2
2
1.0
5.45
4.4
0.6
2.8
qw
e
5.45
4
r
G
q GATE
w DRAIN
e SOURCE
r DRAIN
wr
q
e


Similar Part No. - FS70SMJ-2

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FS70SMJ-2 MITSUBISHI-FS70SMJ-2 Datasheet
41Kb / 4P
   HIGH-SPEED SWITCHING USE
logo
Renesas Technology Corp
FS70SMJ-2 RENESAS-FS70SMJ-2 Datasheet
173Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
logo
Inchange Semiconductor ...
FS70SMJ-2 ISC-FS70SMJ-2 Datasheet
316Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
FS70SMJ-2-A8 RENESAS-FS70SMJ-2-A8 Datasheet
173Kb / 7P
   High-Speed Switching Use Nch Power MOS FET
More results

Similar Description - FS70SMJ-2

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
FK7VS-12 POWEREX-FK7VS-12 Datasheet
57Kb / 5P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS100KMJ-03 POWEREX-FS100KMJ-03 Datasheet
47Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10AS-3 POWEREX-FS10AS-3 Datasheet
42Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-03 POWEREX-FS10ASJ-03 Datasheet
43Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10ASJ-3 POWEREX-FS10ASJ-3 Datasheet
42Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10KM-9 POWEREX-FS10KM-9 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10SM-10 POWEREX-FS10SM-10 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS10SM-18A POWEREX-FS10SM-18A Datasheet
46Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12KMA-5A POWEREX-FS12KMA-5A Datasheet
23Kb / 2P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS12UMA-4A POWEREX-FS12UMA-4A Datasheet
44Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
FS14KM-10 POWEREX-FS14KM-10 Datasheet
50Kb / 4P
   Nch POWER MOSFET HIGH-SPEED SWITCHING USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com